Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 94Page - Renesas Technology Corp 4556 Datasheet HTML 95Page - Renesas Technology Corp 4556 Datasheet HTML 96Page - Renesas Technology Corp 4556 Datasheet HTML 97Page - Renesas Technology Corp 4556 Datasheet HTML 98Page - Renesas Technology Corp 4556 Datasheet HTML 99Page - Renesas Technology Corp 4556 Datasheet HTML 100Page - Renesas Technology Corp 4556 Datasheet HTML 101Page - Renesas Technology Corp 4556 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 145 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
D9
D0
D9
D0
D9
D0
D9
D0
Rev.3.02
Dec 22, 2006
page 98 of 142
REJ03B0025-0302
4556 Group
TAPU1 (Transfer data to Accumulator from register PU1)
TAPU0 (Transfer data to Accumulator from register PU0)
1001010111
257
11
–
–
Grouping:
Input/Output operation
Description: Transfers the contents of pull-up control
register PU0 to register A.
Operation:
(A)
← (PU0)
1001011110
25E
11
–
–
Grouping:
Input/Output operation
Description: Transfers the contents of pull-up control
register PU1 to register A.
Operation:
(A)
← (PU1)
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
1001010010
252
11
–
–
Grouping:
Clock operation
Description: Transfers the contents of clock control reg-
ister MR to register A.
Operation:
(A)
← (MR)
TAMR (Transfer data to Accumulator from register MR)
TASP (Transfer data to Accumulator from Stack Pointer)
0001010000
050
11
–
–
Grouping:
Register to register transfer
Description: Transfers the contents of stack pointer (SP)
to the low-order 3 bits (A2–A0) of register A.
Note:
After this instruction is executed, “0” is
stored to the bit 3 (A3) of register A.
Operation:
(A2–A0)
← (SP2–SP0)
(A3)
← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com