| Electronic Components Datasheet Search |
|
4556 Datasheet(PDF) 57 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4556 Datasheet(HTML) 57 Page - Renesas Technology Corp |
|
57 / 145 page ![]() Rev.3.02 Dec 22, 2006 page 57 of 142 REJ03B0025-0302 4556 Group CLOCK CONTROL The clock control circuit consists of the following circuits. • On-chip oscillator (internal oscillator) • Ceramic resonator • RC oscillation circuit • Quartz-crystal oscillation circuit • Multi-plexer (clock selection circuit) • Frequency divider • Internal clock generating circuit Fig. 47 Clock control circuit structure The system clock and the instruction clock are generated as the source clock for operation by these circuits. Figure 47 shows the structure of the clock control circuit. The 4556 Group operates by the on-chip oscillator clock (f(RING)) which is the internal oscillator after system is released from reset. Also, the ceramic resonator or the RC oscillation can be used for the main clock (f(XIN)) of the 4556 Group. The quartz-crystal oscillator can be used for sub-clock (f(XCIN)). MR3, MR2 00 01 10 11 CRCK instruction Q S R QS R Internal reset signal Key-on wakeup signal EPOF instruction POF2 instruction + XCOUT XCIN QS R EPOF instruction POF instruction + T3F signal 01 MR1, MR0 00 System clock (STCK) Instruction clock (INSTCK) Multi- plexer Quartz-crystal oscillation On-chip oscillator (internal oscillator) XOUT XIN Ceramic resonance RC oscillation Internal clock generating circuit (divided by 3) Q RG1 10 RG0 RG2 Divided by 2 Divided by 4 Divided by 8 Division circuit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |