Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 69Page - Renesas Technology Corp 4556 Datasheet HTML 70Page - Renesas Technology Corp 4556 Datasheet HTML 71Page - Renesas Technology Corp 4556 Datasheet HTML 72Page - Renesas Technology Corp 4556 Datasheet HTML 73Page - Renesas Technology Corp 4556 Datasheet HTML 74Page - Renesas Technology Corp 4556 Datasheet HTML 75Page - Renesas Technology Corp 4556 Datasheet HTML 76Page - Renesas Technology Corp 4556 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 73 of 142
REJ03B0025-0302
4556 Group
K03
K02
K01
K00
Key-on wakeup control register K0
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Key-on wakeup not used
Key-on wakeup used
Port P12, P13 key-on wakeup
control bit (Note 3)
Port P10, P11 key-on wakeup
control bit (Note 2)
Port P02, P03 key-on wakeup
control bit
Port P00, P01 key-on wakeup
control bit
at reset : 00002
at power down : state retained
0
1
0
1
0
1
0
1
R/W
TAK0/
TK0A
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: To be invalid (K02 = “0”) key-on wakeup of ports P10 and P11, set the registers K10 and K11 to “0”.
3: To be invalid (K03 = “0”) key-on wakeup of ports P12 and P13, set the registers K12 and K13 to “0”.
K13
K12
K11
K10
Key-on wakeup control register K1
Returned by edge
Returned by level
Falling waveform/“L” level
Rising waveform/“H” level
Returned by edge
Returned by level
Falling waveform/“L” level
Rising waveform/“H” level
Ports P12, P13 return condition selection bit
(Note 3)
Ports P12, P13 valid waveform/level
selection bit (Note 3)
Ports P10, P11 return condition selection bit
(Note 2)
Ports P10, P11 valid waveform/level
selection bit (Note 2)
at reset : 00002
at power down : state retained
0
1
0
1
0
1
0
1
K23
K22
K21
K20
Key-on wakeup control register K2
This bit has no function, but read/write is enabled.
This bit has no function, but read/write is enabled.
Returned by level
Returned by edge
Key-on wakeup invalid
Key-on wakeup valid
Not used
Not used
INT pin return condition selection bit
INT pin key-on wakeup control bit
at reset : 00002
at power down : state retained
0
1
0
1
0
1
0
1
R/W
TAK1/
TK1A
R/W
TAK2/
TK2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com