Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 4 Page - Renesas Technology Corp

  4556 Datasheet HTML 1Page - Renesas Technology Corp 4556 Datasheet HTML 2Page - Renesas Technology Corp 4556 Datasheet HTML 3Page - Renesas Technology Corp 4556 Datasheet HTML 4Page - Renesas Technology Corp 4556 Datasheet HTML 5Page - Renesas Technology Corp 4556 Datasheet HTML 6Page - Renesas Technology Corp 4556 Datasheet HTML 7Page - Renesas Technology Corp 4556 Datasheet HTML 8Page - Renesas Technology Corp 4556 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 4 of 142
REJ03B0025-0302
4556 Group
PERFORMANCE OVERVIEW
Function
123
124
4096 words ✕ 10 bits
8192 words ✕ 10 bits
288 words ✕ 4 bits (including LCD display RAM 23 words ✕ 4 bits)
Six independent I/O ports.
Input is examined by skip decision.
The output structure can be switched by software.
Port D5 is also used as INT pin.
Two independent output ports.
Ports D6 and D7 are also used as XCIN and XCOUT, respectively.
4-bit I/O port; A pull-up function, a key-on wakeup function and output structure can be switched
by software. Ports P00–P03 are also used as SEG21–SEG24, respectively.
4-bit I/O port; A pull-up function, a key-on wakeup function and output structure can be switched
by software. Ports P10–P13 are also used as SEG25–SEG28, respectively.
4-bit I/O port; The output structure can be switched by software. Ports P20–P23 are also used
as SEG17–SEG20, respectively.
1-bit output; Port C is also used as CNTR pin.
8-bit programmable timer with a reload register and has an event counter.
8-bit programmable timer with two reload registers and PWM output function.
16-bit timer, fixed dividing frequency (timer for clock count)
4-bit timer with a reload register (for LCD clock)
16-bit timer (fixed dividing frequency) (for watchdog)
1/2, 1/3 bias
2, 3, 4 duty
4
23
2r ✕ 3, 2r ✕ 2, r ✕ 3, r ✕ 2 (r = 80 k
Ω, (Ta = 25 °C, Typical value))
4 (one for external, three for timer )
1 level
8 levels
CMOS silicon gate
42-pin plastic molded SSOP (42P2R-A)
–20 °C to 85 °C
1.8 to 5.5 V (It depends on operation source clock, oscillation frequency and operation mode)
1.8 to 3.6 V (It depends on operation source clock, oscillation frequency and operation mode)
2.2 mA (at room temperature, VDD = 5 V, f(XIN) = 6 MHz, f(XCIN) = stop, f(RING) = stop,
f(STCK) = f(XIN)/1)
6
µA (at room temperature, VDD = 5 V, f(XCIN) = 32 kHz)
0.1
µA (at room temperature, VDD = 5 V, output transistor is cut-off state)
Parameter
Number of basic
instructions
Minimum
instruction
execution time
Memory sizes
Input/Output
ports
Timers
LCD control
circuit
Interrupt
Subroutine nesting
Device structure
Package
Operating temperature range
Supply
voltage
Power
dissipation
(Typ.value)
M34556M4/M8/G8
M34556M4H/M8H/G8H
ROM
RAM
D0–D5
D6, D7
P00–P03
P10–P13
P20–P23
C
Timer 1
Timer 2
Timer 3
Timer LC
Watchdog timer
Selective bias value
Selective duty value
Common output
Segment output
Internal resistor for
power supply
Sources
Nesting
Mask ROM version
One Time PROM version
Active mode
(Mask ROM version)
At clock operating mode
(Mask ROM version)
At RAM back-up
(Mask ROM version)
I/O
Output
I/O
I/O
I/O
Output
M34556M4
M34556M4H
M34556M8/G8
M34556M8H/G8H
M34556M4/M8/G8
M34556M4H/M8H/G8H
Mask ROM version
One Time PROM version
0.5
µs (at 6 MHz oscillation frequency, in through mode)
0.68
µs (at 4.4 MHz oscillation frequency, in through mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com