Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 52Page - Renesas Technology Corp 4556 Datasheet HTML 53Page - Renesas Technology Corp 4556 Datasheet HTML 54Page - Renesas Technology Corp 4556 Datasheet HTML 55Page - Renesas Technology Corp 4556 Datasheet HTML 56Page - Renesas Technology Corp 4556 Datasheet HTML 57Page - Renesas Technology Corp 4556 Datasheet HTML 58Page - Renesas Technology Corp 4556 Datasheet HTML 59Page - Renesas Technology Corp 4556 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 56 of 142
REJ03B0025-0302
4556 Group
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: When the contents of I12 and I13 are changed, the external interrupt request flag (EXF0) may be set.
PU03
PU02
PU01
PU00
Pull-up transistor OFF
Pull-up transistor ON
Pull-up transistor OFF
Pull-up transistor ON
Pull-up transistor OFF
Pull-up transistor ON
Pull-up transistor OFF
Pull-up transistor ON
Port P03 pull-up transistor
control bit
Port P02 pull-up transistor
control bit
Port P01 pull-up transistor
control bit
Port P00 pull-up transistor
control bit
Pull-up control register PU0
at reset : 00002
at power down : state retained
0
1
0
1
0
1
0
1
R/W
TAPU0/
TPU0A
PU13
PU12
PU11
PU10
Pull-up transistor OFF
Pull-up transistor ON
Pull-up transistor OFF
Pull-up transistor ON
Pull-up transistor OFF
Pull-up transistor ON
Pull-up transistor OFF
Pull-up transistor ON
Port P13 pull-up transistor
control bit
Port P12 pull-up transistor
control bit
Port P11 pull-up transistor
control bit
Port P10 pull-up transistor
control bit
Pull-up control register PU1
at reset : 00002
at power down : state retained
0
1
0
1
0
1
0
1
R/W
TAPU1/
TPU1A
I13
I12
I11
I10
INT pin input control bit (Note 2)
Interrupt valid waveform for INT pin/
return level selection bit (Note 2)
INT pin edge detection circuit control bit
INT pin Timer 1 count start synchronous
circuit selection bit
Interrupt control register I1
R/W
TAI1/TI1A
at power down : state retained
at reset : 00002
INT pin input disabled
INT pin input enabled
Falling waveform/“L” level (“L” level is recognized with the SNZI0
instruction)
Rising waveform/“H” level (“H” level is recognized with the SNZI0
instruction)
One-sided edge detected
Both edges detected
Timer 1 count start synchronous circuit not selected
Timer 1 count start synchronous circuit selected
0
1
0
1
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com