Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 57Page - Renesas Technology Corp 4556 Datasheet HTML 58Page - Renesas Technology Corp 4556 Datasheet HTML 59Page - Renesas Technology Corp 4556 Datasheet HTML 60Page - Renesas Technology Corp 4556 Datasheet HTML 61Page - Renesas Technology Corp 4556 Datasheet HTML 62Page - Renesas Technology Corp 4556 Datasheet HTML 63Page - Renesas Technology Corp 4556 Datasheet HTML 64Page - Renesas Technology Corp 4556 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 61 of 142
REJ03B0025-0302
4556 Group
Fig. 57 Bypass capacitor across the VSS line and the VDD line
2. Connection of bypass capacitor across VSS line and VDD line
Connect an approximately 0.1
µF bypass capacitor across the VSS
line and the VDD line as follows:
• Connect a bypass capacitor across the VSS pin and the VDD pin
at equal length.
• Connect a bypass capacitor across the VSS pin and the VDD pin
with the shortest possible wiring.
• Use lines with a larger diameter than other signal lines for VSS
line and VDD line.
• Connect the power source wiring via a bypass capacitor to the
VSS pin and the VDD pin.
VSS
VDD
VSS
VDD
N.G.
O.K.
(3) Wiring to CNVSS pin
Connect CNVSS pin to a GND pattern at the shortest distance.
The GND pattern is required to be as close as possible to the GND
supplied to VSS.
In order to improve the noise reduction, to connect a 5 k
Ω resistor
serially to the CNVSS pin - GND line may be valid.
As well as the above-mentioned, in this case, connect to a GND
pattern at the shortest distance. The GND pattern is required to be
as close as possible to the GND supplied to VSS.
<Reason>
The CNVSS pin of the One Time PROM is the power source input
pin for the built-in One Time PROM. When programming in the
built-in One Time PROM, the impedance of the CNVSS pin is low to
allow the electric current for writing flow into the One Time PROM.
Because of this, noise can enter easily. If noise enters the CNVSS
pin, abnormal instruction codes or data are read from the built-in
One Time PROM, which may cause a program runaway.
Fig. 56 Wiring for the CNVSS pin of the One Time PROM
About 5k
Ω
VSS
The shortest
The shortest
CNVSS
(Note)
(Note)
Note: This indicates pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com