Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 89Page - Renesas Technology Corp 4556 Datasheet HTML 90Page - Renesas Technology Corp 4556 Datasheet HTML 91Page - Renesas Technology Corp 4556 Datasheet HTML 92Page - Renesas Technology Corp 4556 Datasheet HTML 93Page - Renesas Technology Corp 4556 Datasheet HTML 94Page - Renesas Technology Corp 4556 Datasheet HTML 95Page - Renesas Technology Corp 4556 Datasheet HTML 96Page - Renesas Technology Corp 4556 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 145 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Rev.3.02
Dec 22, 2006
page 93 of 142
REJ03B0025-0302
4556 Group
SZB j (Skip if Zero, Bit)
00001000j
j
02j
11
–
(Mj(DP)) = 0
j = 0 to 3
Grouping:
Bit operation
Description: Skips the next instruction when the con-
tents of bit j (bit specified by the value j in
the immediate field) of M(DP) is “0.”
Executes the next instruction when the con-
tents of bit j of M(DP) is “1.”
Operation:
(Mj(DP)) = 0 ?
j = 0 to 3
SZD (Skip if Zero, port D specified by register Y)
0000100100
024
22
–
(D(Y)) = 0
(Y) = 0 to 7
Grouping:
Input/Output operation
Description: Skips the next instruction when a bit of port
D specified by register Y is “0.” Executes the
next instruction when the bit is “1.”
Note:
(Y) = 0 to 5.
Do not execute this instruction if values ex-
cept above are set to register Y.
T1AB (Transfer data to timer 1 and register R1 from Accumulator and register B)
1000110000
230
11
–
–
Grouping:
Timer operation
Description: Transfers the contents of register B to the
high-order 4 bits of timer 1 and timer 1 re-
load register R1. Transfers the contents of
register A to the low-order 4 bits of timer 1
and timer 1 reload register R1.
Operation:
(T17–T14)
← (B)
(R17–R14)
← (B)
(T13–T10)
← (A)
(R13–R10)
← (A)
Operation:
(D(Y)) = 0 ?
(Y) = 0 to 7
2
16
0000101011
02B
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
SZC (Skip if Zero, Carry flag)
0000101111
02F
11
–
(CY) = 0
Grouping:
Arithmetic operation
Description: Skips the next instruction when the con-
tents of carry flag CY is “0.”
After skipping, the CY flag remains un-
changed.
Executes the next instruction when the con-
tents of the CY flag is “1.“
Operation:
(CY) = 0 ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com