Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 66Page - Renesas Technology Corp 4556 Datasheet HTML 67Page - Renesas Technology Corp 4556 Datasheet HTML 68Page - Renesas Technology Corp 4556 Datasheet HTML 69Page - Renesas Technology Corp 4556 Datasheet HTML 70Page - Renesas Technology Corp 4556 Datasheet HTML 71Page - Renesas Technology Corp 4556 Datasheet HTML 72Page - Renesas Technology Corp 4556 Datasheet HTML 73Page - Renesas Technology Corp 4556 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 70 of 142
REJ03B0025-0302
4556 Group
Stop (state retained)
Operating
Bit 4 (T34) of timer 3
System clock (STCK)
CNTR output auto-control circuit not selected
CNTR output auto-control circuit selected
Falling edge
Rising edge
Timer LC control bit
Timer LC count source selection bit
CNTR output auto-control circuit
selection bit
CNTR pin input count edge selection bit
0
1
0
1
0
1
0
1
Timer control register W4
at power down : state retained
at reset : 00002
W43
W42
W41
W40
R/W
TAW4/TW4A
Internal dividing resistor for LCD power
supply selection bit (Note 2)
LCD control bit
LCD control register L1
L13
L12
L11
L10
at reset : 00002
at power down : state retained
0
1
0
1
L11
0
0
1
1
L10
0
1
0
1
Duty
1/2
1/3
1/4
Bias
1/2
1/3
1/3
LCD control register L2
at reset : 00002
at power down : state retained
W
TL2A
0
1
0
1
0
1
0
1
SEG0
VLC3
SEG1
VLC2
SEG2
VLC1
Internal dividing resistor valid
Internal dividing resistor invalid
L23
L22
L21
L20
SEG0/VLC3 pin function switch bit (Note 3)
SEG1/VLC2 pin function switch bit (Note 4)
SEG2/VLC1 pin function switch bit (Note 4)
Internal dividing resistor for LCD power
supply control bit
2r ✕ 3, 2r ✕ 2
r ✕ 3, r ✕ 2
Stop
Operating
Not available
LCD control register L3
at reset : 11112
at power down : state retained
W
TL3A
0
1
0
1
0
1
0
1
SEG20
P23
SEG19
P22
SEG18
P21
SEG17
P20
L33
L32
L31
L30
P23/SEG20 pin function switch bit
P22/SEG19 pin function switch bit
P21/SEG18 pin function switch bit
P20/SEG17 pin function switch bit
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: “r (resistor) multiplied by 3” is used at 1/3 bias, and “r multiplied by 2” is used at 1/2 bias.
3: VLC3 is connected to VDD internally when SEG0 pin is selected.
4: Use internal dividing resistor when SEG1 and SEG2 pins are selected.
R/W
TAL1/TL1A
LCD duty and bias selection bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com