Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 117Page - Renesas Technology Corp 4556 Datasheet HTML 118Page - Renesas Technology Corp 4556 Datasheet HTML 119Page - Renesas Technology Corp 4556 Datasheet HTML 120Page - Renesas Technology Corp 4556 Datasheet HTML 121Page - Renesas Technology Corp 4556 Datasheet HTML 122Page - Renesas Technology Corp 4556 Datasheet HTML 123Page - Renesas Technology Corp 4556 Datasheet HTML 124Page - Renesas Technology Corp 4556 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 145 page
background image
Skip condition
Datailed description
Rev.3.02
Dec 22, 2006
page 121 of 142
REJ03B0025-0302
4556 Group
Transfers the input of port P0 to register A.
Outputs the contents of register A to port P0.
Transfers the input of port P1 to register A.
Outputs the contents of register A to port P1.
Transfers the input of port P2 to register A.
Outputs the contents of register A to port P2.
Sets (1) to all port D.
Clears (0) to a bit of port D specified by register Y.
Sets (1) to a bit of port D specified by register Y.
Skips the next instruction when a bit of port D specified by register Y is “0.” Executes the next instruction
when a bit of port D specified by register Y is “1.”
Clears (0) to port C.
Sets (1) to port C.
Transfers the contents of pull-up control register PU0 to register A.
Transfers the contents of register A to pull-up control register PU0.
Transfers the contents of pull-up control register PU1 to register A.
Transfers the contents of register A to pull-up control register PU1.
Transfers the contents of key-on wakeup control register K0 to register A.
Transfers the contents of register A to key-on wakeup control register K0.
Transfers the contents of key-on wakeup control register K1 to register A.
Transfers the contents of register A to key-on wakeup control register K1.
Transfers the contents of key-on wakeup control register K2 to register A.
Transfers the contents of register A to key-on wakeup control register K2.
Transferts the contents of register A to port output structure control register FR0.
Transferts the contents of register A to port output structure control register FR1.
Transferts the contents of register A to port output structure control register FR2.
–
–
–
–
–
–
–
–
–
(D(Y)) = 0
However, (Y)=0 to 5
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com