Electronic Components Datasheet Search
  English  ▼

X  

4556 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # 4556
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4556 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button 4556 Datasheet HTML 126Page - Renesas Technology Corp 4556 Datasheet HTML 127Page - Renesas Technology Corp 4556 Datasheet HTML 128Page - Renesas Technology Corp 4556 Datasheet HTML 129Page - Renesas Technology Corp 4556 Datasheet HTML 130Page - Renesas Technology Corp 4556 Datasheet HTML 131Page - Renesas Technology Corp 4556 Datasheet HTML 132Page - Renesas Technology Corp 4556 Datasheet HTML 133Page - Renesas Technology Corp 4556 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 145 page
background image
Rev.3.02
Dec 22, 2006
page 130 of 142
REJ03B0025-0302
4556 Group
ELECTRICAL CHARACTERISTICS 1
(Mask ROM version: Ta = –20 °C to 85 °C, VDD = 1.8 to 5.5 V, unless otherwise noted)
VOH
VOH
VOL
VOL
IIH
IIL
RPU
VT+ – VT–
VT+ – VT–
VT+ – VT–
f(RING)
∆f(XIN)
RCOM
RSEG
RVLC
“H” level output voltage
P0, P1, P2, D0–D5
“H” level output voltage
C, CNTR
“L” level output voltage
P0, P1, P2, D0–D7, C, CNTR
“L” level output voltage
RESET
“H” level input current
P0, P1, P2, D0–D5, XIN, XCIN, RESET
CNTR, INT
“L” level input current
P0, P1, P2, D0–D5, XIN, XCIN, RESET
CNTR, INT
Pull-up resistor value
P0, P1, RESET
Hysteresis RESET
Hysteresis INT
Hysteresis CNTR
On-chip oscillator clock frequency
Frequency error
(with RC oscillation,
error of external R, C not included )
(Note 1)
COM output impedance
(Note 2)
SEG output impedance
(Note 2)
Internal resistor for LCD power supply
V
V
V
V
µA
µA
k
Ω
V
V
V
kHz
%
k
Ω
k
Ω
k
Ω
Test conditions
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VI = VDD
VI = 0 V P0, P1 No pull-up
VI = 0 V
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VDD = 5 V ± 10 %, Ta = 25 °C
VDD = 3 V ± 10 %, Ta = 25 °C
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
When dividing resistor 2r ✕ 3 selected
When dividing resistor 2r ✕ 2 selected
When dividing resistor r ✕ 3 selected
When dividing resistor r ✕ 2 selected
Limits
Max.
2
0.9
1.4
0.9
2
0.6
0.9
2
–2
125
250
700
400
±17
±17
7.5
10
7.5
10
960
640
480
320
IOH = –10 mA
IOH = –3 mA
IOH = –5 mA
IOH = –1 mA
IOH = –20 mA
IOH = –6 mA
IOH = –10 mA
IOH = –3 mA
IOL = 15 mA
IOL = 5 mA
IOL = 9 mA
IOL = 3 mA
IOL = 5 mA
IOL = 1 mA
IOL = 2 mA
VDD = 5 V
VDD = 3 V
Min.
3
4.1
2.1
2.4
3
4.1
2.1
2.4
30
50
200
100
300
200
150
100
Typ.
Symbol
Parameter
Unit
60
120
1
0.4
0.6
0.3
0.2
0.2
500
250
1.5
2
1.5
2
480
320
240
160
Notes 1: When RC oscillation is used, use the external 33 pF capacitor (C).
2: The impedance state is the resistor value of the output voltage.
at VLC3 level output: VO = 0.8 VLC3
at VLC2 level output: VO = 0.8 VLC2
at VLC1 level output: VO = 0.2 VLC2 + VLC1
at VSS level output: VO = 0.2 VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com