| Electronic Components Datasheet Search |
|
SH7201 Datasheet(PDF) 41 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7201 Datasheet(HTML) 41 Page - Renesas Technology Corp |
|
41 / 1196 page ![]() Section 1 Overview Rev. 2.00 Sep. 07, 2007 Page 13 of 1164 REJ09B0321-0200 Classification Symbol I/O Name Function Interrupts NMI I Non-maskable interrupt Non-maskable interrupt request pin. Fix it high when not in use. IRQ7 to IRQ0 I Interrupt requests 7 to 0 Maskable interrupt request pins. Level-input or edge-input detection can be selected. When the edge- input detection is selected, the rising edge, falling edge, or both edges can also be selected. PINT7 to PINT0 I Interrupt requests 7 to 0 Maskable interrupt request pins. Only level-input detection can be selected. Address bus A27 to A0 O Address bus Addresses are output on these pins. Data bus D31 to D0 I/O Data bus Bidirectional data bus Bus control CS6 to CS0 O Chip select 6 to 0 Chip-select signals for external memory or devices RD O Read Indicates that data is read from an external device. WAIT I Wait Input pin for inserting a wait cycle into the bus cycles during access to the external space WR0 O Byte select Indicates a write access to bits 7 to 0 of data of external memory or device. (For an access in units of 8, 16, or 32 bits) WR1 O Byte select Indicates a write access to bits 15 to 8 of data of external memory or device. (For an access in units of 16 or 32 bits) WR2 O Byte select Indicates a write access to bits 23 to 16 of data of external memory or device. (For an access in units of 32 bits) WR3 O Byte select Indicates a write access to bits 31 to 24 of data of external memory or device. (For an access in units of 32 bits) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |