Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 48Page - Renesas Technology Corp SH7201 Datasheet HTML 49Page - Renesas Technology Corp SH7201 Datasheet HTML 50Page - Renesas Technology Corp SH7201 Datasheet HTML 51Page - Renesas Technology Corp SH7201 Datasheet HTML 52Page - Renesas Technology Corp SH7201 Datasheet HTML 53Page - Renesas Technology Corp SH7201 Datasheet HTML 54Page - Renesas Technology Corp SH7201 Datasheet HTML 55Page - Renesas Technology Corp SH7201 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 1196 page
background image
Section 2 CPU
Rev. 2.00 Sep. 07, 2007 Page 24 of 1164
REJ09B0321-0200
2.2
Data Formats
2.2.1
Data Format in Registers
Register operands are always longwords (32 bits). If the size of memory operand is a byte (8 bits)
or a word (16 bits), it is changed into a longword by expanding the sign-part when loaded into a
register.
31
0
Longword
Figure 2.4 Data Format in Registers
2.2.2
Data Formats in Memory
Memory data formats are classified into bytes, words, and longwords. Memory can be accessed in
8-bit bytes, 16-bit words, or 32-bit longwords. A memory operand of fewer than 32 bits is stored
in a register in sign-extended or zero-extended form.
A word operand should be accessed at a word boundary (an even address of multiple of two bytes:
address 2n), and a longword operand at a longword boundary (an even address of multiple of four
bytes: address 4n). Otherwise, an address error will occur. A byte operand can be accessed at any
address.
Only big-endian byte order can be selected for the data format.
Data formats in memory are shown in figure 2.5.
31
0
15
23
7
Byte
Byte
Byte
Byte
Word
Word
Address 2n
Address 4n
Longword
Address m
Address m + 2
Address m + 1
Address m + 3
Figure 2.5 Data Formats in Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com