Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 58Page - Renesas Technology Corp SH7201 Datasheet HTML 59Page - Renesas Technology Corp SH7201 Datasheet HTML 60Page - Renesas Technology Corp SH7201 Datasheet HTML 61Page - Renesas Technology Corp SH7201 Datasheet HTML 62Page - Renesas Technology Corp SH7201 Datasheet HTML 63Page - Renesas Technology Corp SH7201 Datasheet HTML 64Page - Renesas Technology Corp SH7201 Datasheet HTML 65Page - Renesas Technology Corp SH7201 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 1196 page
background image
Section 2 CPU
Rev. 2.00 Sep. 07, 2007 Page 34 of 1164
REJ09B0321-0200
2.3.3
Instruction Format
The instruction formats and the meaning of source and destination operands are described below.
The meaning of the operand depends on the instruction code. The symbols used are as follows:
• xxxx:
Instruction code
• mmmm: Source register
• nnnn:
Destination register
• iiii:
Immediate data
• dddd:
Displacement
Table 2.9
Instruction Formats
Instruction Formats
Source
Operand
Destination
Operand
Example
0 format
xxxx
xxxx
xxxx
xxxx
15
0
—
—
NOP
—
nnnn: Register
direct
MOVT
Rn
Control register or
system register
nnnn: Register
direct
STS
MACH,Rn
R0 (Register direct) nnnn: Register
direct
DIVU
R0,Rn
Control register or
system register
nnnn: Register
indirect with pre-
decrement
STC.L SR,@-Rn
mmmm: Register
direct
R15 (Register
indirect with pre-
decrement)
MOVMU.L
Rm,@-R15
R15 (Register
indirect with post-
increment)
nnnn: Register
direct
MOVMU.L
@R15+,Rn
n format
xxxx
xxxx
xxxx
nnnn
15
0
R0 (Register direct) nnnn: (Register
indirect with post-
increment)
MOV.L R0,@Rn+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com