Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 10Page - Renesas Technology Corp SH7201 Datasheet HTML 11Page - Renesas Technology Corp SH7201 Datasheet HTML 12Page - Renesas Technology Corp SH7201 Datasheet HTML 13Page - Renesas Technology Corp SH7201 Datasheet HTML 14Page - Renesas Technology Corp SH7201 Datasheet HTML 15Page - Renesas Technology Corp SH7201 Datasheet HTML 16Page - Renesas Technology Corp SH7201 Datasheet HTML 17Page - Renesas Technology Corp SH7201 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 1196 page
background image
Rev. 2.00 Sep. 07, 2007 Page xiv of xxviii
9.4.4
CSn Mode Register (CSMODn) (n = 0 to 6) ........................................................ 214
9.4.5
CSn Wait Control Register 1 (CS1WCNTn) (n = 0 to 6) ..................................... 217
9.4.6
CSn Wait Control Register 2 (CS2WCNTn) (n = 0 to 6) ..................................... 219
9.4.7
SDRAM Refresh Control Register 0 (SDRFCNT0) ............................................. 222
9.4.8
SDRAM Refresh Control Register 1 (SDRFCNT1) ............................................. 223
9.4.9
SDRAM Initialization Register 0 (SDIR0)........................................................... 225
9.4.10 SDRAM Initialization Register 1 (SDIR1)........................................................... 227
9.4.11 SDRAM Power-Down Control Register (SDPWDCNT) ..................................... 228
9.4.12 SDRAM Deep-Power-Down Control Register (SDDPWDCNT) ........................ 229
9.4.13 SDRAMm Address Register (SDmADR) (m = 0, 1)............................................ 230
9.4.14 SDRAMm Timing Register (SDmTR) (m = 0, 1) ................................................ 231
9.4.15 SDRAMm Mode Register (SDmMOD) (m = 0, 1)............................................... 233
9.4.16 SDRAM Status Register (SDSTR) ....................................................................... 234
9.4.17 SDRAM Clock Stop Control Signal Setting Register (SDCKSCNT) .................. 236
9.4.18 AC Characteristics Switching Register (ACSWR) ............................................... 237
9.5
Operation ........................................................................................................................... 238
9.5.1
CSC Interface........................................................................................................ 238
9.5.2
SDRAM Interface ................................................................................................. 248
9.6
Usage Note......................................................................................................................... 285
9.6.1
Note on Power-on Reset Exception Handling and
Deep Standby Mode Cancellation ........................................................................ 285
9.6.2
Write Buffer.......................................................................................................... 285
9.6.3
Note on Transition to Software Standby Mode or Deep Standby Mode............... 285
Section 10 Bus Monitor..................................................................................... 287
10.1
Register Descriptions ......................................................................................................... 287
10.1.1 Bus Monitor Enable Register (SYCBEEN) .......................................................... 288
10.1.2 Bus Monitor Status Register 1 (SYCBESTS1)..................................................... 289
10.1.3 Bus Monitor Status Register 2 (SYCBESTS2)..................................................... 291
10.1.4 Bus Error Control Register (SYCBESW)............................................................. 294
10.2
Bus Monitor Function ........................................................................................................ 295
10.2.1 Operation when a Bus Error is Detected............................................................... 295
10.2.2 Illegal Address Access Detection Function .......................................................... 296
10.2.3 Bus Timeout Detection Function .......................................................................... 298
10.2.4 Combinations of Masters and Bus Errors ............................................................. 299
10.3
Usage Note......................................................................................................................... 300
10.3.1 Operation when the CPU is Not Notified of a Bus Error...................................... 300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com