Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 49Page - Renesas Technology Corp SH7201 Datasheet HTML 50Page - Renesas Technology Corp SH7201 Datasheet HTML 51Page - Renesas Technology Corp SH7201 Datasheet HTML 52Page - Renesas Technology Corp SH7201 Datasheet HTML 53Page - Renesas Technology Corp SH7201 Datasheet HTML 54Page - Renesas Technology Corp SH7201 Datasheet HTML 55Page - Renesas Technology Corp SH7201 Datasheet HTML 56Page - Renesas Technology Corp SH7201 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 1196 page
background image
Section 2 CPU
Rev. 2.00 Sep. 07, 2007 Page 25 of 1164
REJ09B0321-0200
2.2.3
Immediate Data Format
Byte (8-bit) immediate data is located in an instruction code. Immediate data accessed by the
MOV, ADD, and CMP/EQ instructions is sign-extended and handled in registers as longword
data. Immediate data accessed by the TST, AND, OR, and XOR instructions is zero-extended and
handled as longword data. Consequently, AND instructions with immediate data always clear the
upper 24 bits of the destination register.
20-bit immediate data is located in the code of a MOVI20 or MOVI20S 32-bit transfer instruction.
The MOVI20 instruction stores immediate data in the destination register in sign-extended form.
The MOVI20S instruction shifts immediate data by eight bits in the upper direction, and stores it
in the destination register in sign-extended form.
Word or longword immediate data is not located in the instruction code, but rather is stored in a
memory table. The memory table is accessed by an immediate data transfer instruction (MOV)
using the PC relative addressing mode with displacement.
See examples given in section 2.3.1 (10), Immediate Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com