Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 88Page - Renesas Technology Corp SH7201 Datasheet HTML 89Page - Renesas Technology Corp SH7201 Datasheet HTML 90Page - Renesas Technology Corp SH7201 Datasheet HTML 91Page - Renesas Technology Corp SH7201 Datasheet HTML 92Page - Renesas Technology Corp SH7201 Datasheet HTML 93Page - Renesas Technology Corp SH7201 Datasheet HTML 94Page - Renesas Technology Corp SH7201 Datasheet HTML 95Page - Renesas Technology Corp SH7201 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 1196 page
background image
Section 3 Floating-Point Unit (FPU)
Rev. 2.00 Sep. 07, 2007 Page 64 of 1164
REJ09B0321-0200
63
62
52
51
0
s
e
f
Figure 3.2 Format of Double-Precision Floating-Point Number
The exponent is expressed in biased form, as follows:
e = E + bias
The range of unbiased exponent E is E
min – 1 to Emax + 1. The two values Emin – 1 and Emax + 1 are
distinguished as follows. E
min – 1 indicates zero (both positive and negative sign) and a
denormalized number, and E
max + 1 indicates positive or negative infinity or a non-number (NaN).
Table 3.1 shows E
min and Emax values.
Table 3.1
Floating-Point Number Formats and Parameters
Parameter
Single-Precision
Double-Precision
Total bit width
32 bits
64 bits
Sign bit
1 bit
1 bit
Exponent field
8 bits
11 bits
Fraction field
23 bits
52 bits
Precision
24 bits
53 bits
Bias
+127
+1023
E
max
+127
+1023
E
min
–126
–1022
Floating-point number value v is determined as follows:
If E = E
max + 1 and f ≠ 0, v is a non-number (NaN) irrespective of sign s
If E = E
max + 1 and f = 0, v = (–1)
s (infinity) [positive or negative infinity]
If E
min ≤ E ≤ Emax, v = (–1)
s2E (1.f) [normalized number]
If E = E
min – 1 and f ≠ 0, v = (–1)
s2Emin (0.f) [denormalized number]
If E = E
min – 1 and f = 0, v = (–1)
s0 [positive or negative zero]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com