Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 84Page - Renesas Technology Corp SH7201 Datasheet HTML 85Page - Renesas Technology Corp SH7201 Datasheet HTML 86Page - Renesas Technology Corp SH7201 Datasheet HTML 87Page - Renesas Technology Corp SH7201 Datasheet HTML 88Page - Renesas Technology Corp SH7201 Datasheet HTML 89Page - Renesas Technology Corp SH7201 Datasheet HTML 90Page - Renesas Technology Corp SH7201 Datasheet HTML 91Page - Renesas Technology Corp SH7201 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 1196 page
background image
Section 2 CPU
Rev. 2.00 Sep. 07, 2007 Page 60 of 1164
REJ09B0321-0200
2.5
Processing States
The CPU has four processing states: reset, exception handling, program execution, and power-
down. Figure 2.6 shows the transitions between the states.
Power-on reset from any state
Manual reset from any state
Power-on reset state
Manual reset state
Program execution state
Sleep mode
Software standby mode
Exception
handling state
Exception
handling
source
occurs
Exception
handling
ends
NMI interrupt or
IRQ interrupt occurs
Power-down state
Reset canceled
STBY bit cleared
for SLEEP
instruction
Reset state
Interrupt source or
DMA address error occurs
NMI interrupt,
IRQ interrupt*,
Manual reset,
and Power-on reset
STBY bit set
and DEEP bit clear
for SLEEP
instruction
STBY and DEEP bits set
for SLEEP
instruction
Deep standby mode
Note: * IRQ can be released only by PE7 to PE4 and PC25 to PC22
Figure 2.6 Transitions between Processing States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com