Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 14Page - Renesas Technology Corp SH7201 Datasheet HTML 15Page - Renesas Technology Corp SH7201 Datasheet HTML 16Page - Renesas Technology Corp SH7201 Datasheet HTML 17Page - Renesas Technology Corp SH7201 Datasheet HTML 18Page - Renesas Technology Corp SH7201 Datasheet HTML 19Page - Renesas Technology Corp SH7201 Datasheet HTML 20Page - Renesas Technology Corp SH7201 Datasheet HTML 21Page - Renesas Technology Corp SH7201 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 1196 page
background image
Rev. 2.00 Sep. 07, 2007 Page xviii of xxviii
12.7.15 Reset Sync PWM Mode Buffer Operation and Compare Match Flag .................. 559
12.7.16 Overflow Flags in Reset Synchronous PWM Mode ............................................. 560
12.7.17 Contention between Overflow/Underflow and Counter Clearing......................... 561
12.7.18 Contention between TCNT Write and Overflow/Underflow................................ 562
12.7.19 Cautions on Transition from Normal Operation or
PWM Mode 1 to Reset-Synchronized PWM Mode.............................................. 562
12.7.20 Output Level in Complementary PWM Mode and
Reset-Synchronized PWM Mode ......................................................................... 563
12.7.21 Interrupts in Module Standby Mode ..................................................................... 563
12.7.22 Simultaneous Capture of TCNT_1 and TCNT_2 in Cascade Connection............ 563
12.8
MTU2 Output Pin Initialization......................................................................................... 564
12.8.1 Operating Modes .................................................................................................. 564
12.8.2 Reset Start Operation ............................................................................................ 564
12.8.3 Operation in Case of Re-Setting Due to Error During Operation, etc. ................. 565
12.8.4 Overview of Initialization Procedures and Mode Transitions in
Case of Error during Operation, etc...................................................................... 566
Section 13 8-Bit Timers (TMR) ........................................................................ 597
13.1
Features.............................................................................................................................. 597
13.2
Input/Output Pins...............................................................................................................599
13.3
Register Descriptions ......................................................................................................... 599
13.3.1 Timer Counter (TCNT)......................................................................................... 600
13.3.2 Time Constant Register A (TCORA) ................................................................... 600
13.3.3 Time Constant Register B (TCORB) .................................................................... 601
13.3.4 Timer Control Register (TCR).............................................................................. 601
13.3.5 Timer Counter Control Register (TCCR) ............................................................. 603
13.3.6 Timer Control/Status Register (TCSR)................................................................. 605
13.4
Operation ........................................................................................................................... 609
13.4.1 Pulse Output ......................................................................................................... 609
13.4.2 Reset Input ............................................................................................................ 610
13.5
Operation Timing............................................................................................................... 611
13.5.1 TCNT Count Timing ............................................................................................ 611
13.5.2 Timing of CMFA and CMFB Setting at Compare Match .................................... 612
13.5.3 Timing of Timer Output at Compare Match ......................................................... 612
13.5.4 Timing of Counter Clear by Compare Match ....................................................... 613
13.5.5 Timing of TCNT External Reset........................................................................... 613
13.5.6 Timing of Overflow Flag (OVF) Setting .............................................................. 614
13.6
Operation with Cascaded Connection................................................................................ 614
13.6.1 16-Bit Counter Mode ............................................................................................ 614
13.6.2 Compare Match Count Mode ............................................................................... 615



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com