Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 57Page - Renesas Technology Corp SH7201 Datasheet HTML 58Page - Renesas Technology Corp SH7201 Datasheet HTML 59Page - Renesas Technology Corp SH7201 Datasheet HTML 60Page - Renesas Technology Corp SH7201 Datasheet HTML 61Page - Renesas Technology Corp SH7201 Datasheet HTML 62Page - Renesas Technology Corp SH7201 Datasheet HTML 63Page - Renesas Technology Corp SH7201 Datasheet HTML 64Page - Renesas Technology Corp SH7201 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 1196 page
background image
Section 2 CPU
Rev. 2.00 Sep. 07, 2007 Page 33 of 1164
REJ09B0321-0200
Addressing Mode
Instruction Format
Effective Address Calculation
Equation
PC relative
disp:12
The effective address is the sum of PC value and
the value that is obtained by doubling the sign-
extended 12-bit displacement (disp).
PC
2
+
×
disp
(sign-extended)
PC + disp
× 2
PC + disp
× 2
Rn
The effective address is the sum of PC value and
Rn.
PC
Rn
PC + Rn
+
PC + Rn
The 20-bit immediate data (imm) for the MOVI20
instruction is sign-extended.
Sign-
extended
imm (20 bits)
31
19
0
—
Immediate
#imm:20
The 20-bit immediate data (imm) for the MOVI20S
instruction is shifted by eight bits to the left, the
upper bits are sign-extended, and the lower bits
are padded with zero.
Sign-extended
imm (20 bits) 00000000
31 27
8
0
—
#imm:8
The 8-bit immediate data (imm) for the TST, AND,
OR, and XOR instructions is zero-extended.
—
#imm:8
The 8-bit immediate data (imm) for the MOV, ADD,
and CMP/EQ instructions is sign-extended.
—
#imm:8
The 8-bit immediate data (imm) for the TRAPA
instruction is zero-extended and then quadrupled.
—
#imm:3
The 3-bit immediate data (imm) for the BAND,
BOR, BXOR, BST, BLD, BSET, and BCLR
instructions indicates the target bit location.
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com