Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 87Page - Renesas Technology Corp SH7201 Datasheet HTML 88Page - Renesas Technology Corp SH7201 Datasheet HTML 89Page - Renesas Technology Corp SH7201 Datasheet HTML 90Page - Renesas Technology Corp SH7201 Datasheet HTML 91Page - Renesas Technology Corp SH7201 Datasheet HTML 92Page - Renesas Technology Corp SH7201 Datasheet HTML 93Page - Renesas Technology Corp SH7201 Datasheet HTML 94Page - Renesas Technology Corp SH7201 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 1196 page
background image
Section 3 Floating-Point Unit (FPU)
Rev. 2.00 Sep. 07, 2007 Page 63 of 1164
REJ09B0321-0200
Section 3 Floating-Point Unit (FPU)
3.1
Features
The FPU has the following features.
• Conforms to IEEE754 standard
• 16 single-precision floating-point registers (can also be referenced as eight double-precision
registers)
• Two rounding modes: Round to nearest and round to zero
• Denormalization modes: Flush to zero
• Five exception sources: Invalid operation, divide by zero, overflow, underflow, and inexact
• Comprehensive instructions: Single-precision, double-precision, and system control
When the FD bit in SR is set to 1, the FPU cannot be used, and an attempt to execute an FPU
instruction will cause an FPU disable exception.
3.2
Data Formats
3.2.1
Floating-Point Format
A floating-point number consists of the following three fields:
• Sign (s)
• Exponent (e)
• Fraction (f)
This LSI can handle single-precision and double-precision floating-point numbers, using the
formats shown in figures 3.1 and 3.2.
31
30
23
22
0
s
e
f
Figure 3.1 Format of Single-Precision Floating-Point Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com