Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 73Page - Renesas Technology Corp SH7201 Datasheet HTML 74Page - Renesas Technology Corp SH7201 Datasheet HTML 75Page - Renesas Technology Corp SH7201 Datasheet HTML 76Page - Renesas Technology Corp SH7201 Datasheet HTML 77Page - Renesas Technology Corp SH7201 Datasheet HTML 78Page - Renesas Technology Corp SH7201 Datasheet HTML 79Page - Renesas Technology Corp SH7201 Datasheet HTML 80Page - Renesas Technology Corp SH7201 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 1196 page
background image
Section 2 CPU
Rev. 2.00 Sep. 07, 2007 Page 49 of 1164
REJ09B0321-0200
Compatibility
Instruction
Instruction Code
Operation
Execu-
tion
Cycles
T Bit
SH2,
SH2E SH4
SH-2A
CLIPS.B
Rn
0100nnnn10010001
When Rn > (H'0000007F),
(H'0000007F)
→ Rn, 1 → CS
when Rn < (H'FFFFFF80),
(H'FFFFFF80)
→ Rn, 1 → CS
1
Yes
CLIPS.W
Rn
0100nnnn10010101
When Rn > (H'00007FFF),
(H'00007FFF)
→ Rn, 1 → CS
When Rn < (H'FFFF8000),
(H'FFFF8000)
→ Rn, 1 → CS
1
Yes
CLIPU.B
Rn
0100nnnn10000001
When Rn > (H'000000FF),
(H'000000FF)
→ Rn, 1 → CS
1
Yes
CLIPU.W
Rn
0100nnnn10000101
When Rn > (H'0000FFFF),
(H'0000FFFF)
→ Rn, 1 → CS
1
Yes
DIV1
Rm,Rn
0011nnnnmmmm0100
1-step division (Rn
÷ Rm)
1
Calcu-
lation
result
Yes
Yes
Yes
DIV0S
Rm,Rn
0010nnnnmmmm0111
MSB of Rn
→ Q,
MSB of Rm
→ M, M ^ Q → T
1
Calcu-
lation
result
Yes
Yes
Yes
DIV0U
0000000000011001
0
→ M/Q/T
1
0
Yes
Yes
Yes
DIVS
R0,Rn
0100nnnn10010100
Signed operation of Rn
÷ R0
→ Rn 32 ÷ 32 → 32 bits
36
Yes
DIVU
R0,Rn
0100nnnn10000100
Unsigned operation of Rn
÷ R0
→ Rn 32 ÷ 32 → 32 bits
34
Yes
DMULS.L Rm,Rn
0011nnnnmmmm1101
Signed operation of Rn
× Rm
→ MACH, MACL
32
× 32 → 64 bits
2
Yes
Yes
Yes
DMULU.L Rm,Rn
0011nnnnmmmm0101
Unsigned operation of Rn
×
Rm
→ MACH, MACL
32
× 32 → 64 bits
2
Yes
Yes
Yes
DT
Rn
0100nnnn00010000
Rn
– 1
→ Rn
When Rn is 0, 1
→ T
When Rn is not 0, 0
→ T
1
Com-
parison
result
Yes
Yes
Yes
EXTS.B
Rm,Rn
0110nnnnmmmm1110
Byte in Rm is
sign-extended
→ Rn
1
Yes
Yes
Yes
EXTS.W
Rm,Rn
0110nnnnmmmm1111
Word in Rm is
sign-extended
→ Rn
1
Yes
Yes
Yes
EXTU.B
Rm,Rn
0110nnnnmmmm1100
Byte in Rm is
zero-extended
→ Rn
1
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com