Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 92Page - Renesas Technology Corp SH7201 Datasheet HTML 93Page - Renesas Technology Corp SH7201 Datasheet HTML 94Page - Renesas Technology Corp SH7201 Datasheet HTML 95Page - Renesas Technology Corp SH7201 Datasheet HTML 96Page - Renesas Technology Corp SH7201 Datasheet HTML 97Page - Renesas Technology Corp SH7201 Datasheet HTML 98Page - Renesas Technology Corp SH7201 Datasheet HTML 99Page - Renesas Technology Corp SH7201 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 1196 page
background image
Section 3 Floating-Point Unit (FPU)
Rev. 2.00 Sep. 07, 2007 Page 68 of 1164
REJ09B0321-0200
3.3.2
Floating-Point Status/Control Register (FPSCR)
FPSCR is a 32-bit register that controls floating-point instructions, sets FPU exceptions, and
selects the rounding mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16




Bit:
000000000
0
0
0
0100
0000000001
Initial value:
RRRRRRRRR
R
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Enable
Flag
Cause
RM1
QIS
SZ
PR
DN
RM0
Cause
R/W
R/W
R/W
R/W
R/W
R/W:
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
00
00
00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Bit Name
Initial
Value
R/W
Description
31 to 23
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
22
QIS
0
R/W
Nonnunerical Processing Mode
0: Processes qNaN or
±∞ as such
1: Treats qNaN or
±∞ as the same as sNaN (valid only
when the V bit in FPSCR enable is set to 1)
21
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
20
SZ
0
R/W
Transfer Size Mode
0: Data size of FMOV instruction is 32-bits
1: Data size of FMOV instruction is a 32-bit register
pair (64 bits)
19
PR
0
R/W
Precision Mode
0: Floating-point instructions are executed as
single-precision operations
1: Floating-point instructions are executed as
double-precision operations (graphics support
instructions are undefined)
18
DN
1
R
Denormalization Mode (Always fixed to 1 in SH2A-
FPU)
1: Denormalized number is treated as zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com