Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 67Page - Renesas Technology Corp SH7201 Datasheet HTML 68Page - Renesas Technology Corp SH7201 Datasheet HTML 69Page - Renesas Technology Corp SH7201 Datasheet HTML 70Page - Renesas Technology Corp SH7201 Datasheet HTML 71Page - Renesas Technology Corp SH7201 Datasheet HTML 72Page - Renesas Technology Corp SH7201 Datasheet HTML 73Page - Renesas Technology Corp SH7201 Datasheet HTML 74Page - Renesas Technology Corp SH7201 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 1196 page
background image
Section 2 CPU
Rev. 2.00 Sep. 07, 2007 Page 43 of 1164
REJ09B0321-0200
The table below shows the format of instruction codes, operation, and execution states. They are
described by using this format according to their classification.
Instruction
Instruction Code
Operation
Execution
States
T Bit
Indicated by mnemonic.
Explanation of Symbols
Rm:
Source register
Rn:
Destination register
imm: Immediate data
disp: Displacement*
2
Indicated in MSB
↔
LSB order.
Explanation of Symbols
mmmm: Source register
nnnn: Destination register
0000: R0
0001: R1
.........
1111: R15
iiii:
Immediate data
dddd:
Displacement
Indicates summary of
operation.
Explanation of Symbols
→, ←: Transfer direction
(xx):
Memory operand
M/Q/T: Flag bits in SR
&:
Logical AND of each bit
|:
Logical OR of each bit
^:
Exclusive logical OR of
each bit
~:
Logical NOT of each bit
<<n: n-bit left shift
>>n: n-bit right shift
Value when no
wait states are
inserted.*
1
Value of T bit after
instruction is
executed.
Explanation of
Symbols
—: No change
Notes: 1. Instruction execution cycles: The execution cycles shown in the table are minimums. In
practice, the number of instruction execution states will be increased in cases such as
the following:
a. When there is a conflict between an instruction fetch and a data access
b. When the destination register of a load instruction (memory
→ register) is the same
as the register used by the next instruction.
2. Depending on the operand size, displacement is scaled by
×1, ×2, or ×4. For details,
refer to the SH-2A, SH2A-FPU Software Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com