Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 43Page - Renesas Technology Corp SH7201 Datasheet HTML 44Page - Renesas Technology Corp SH7201 Datasheet HTML 45Page - Renesas Technology Corp SH7201 Datasheet HTML 46Page - Renesas Technology Corp SH7201 Datasheet HTML 47Page - Renesas Technology Corp SH7201 Datasheet HTML 48Page - Renesas Technology Corp SH7201 Datasheet HTML 49Page - Renesas Technology Corp SH7201 Datasheet HTML 50Page - Renesas Technology Corp SH7201 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 1196 page
background image
Section 2 CPU
Rev. 2.00 Sep. 07, 2007 Page 19 of 1164
REJ09B0321-0200
Section 2 CPU
2.1
Register Configuration
The register set consists of sixteen 32-bit general registers, four 32-bit control registers, and four
32-bit system registers.
2.1.1
General Registers
Figure 2.1 shows the general registers.
The sixteen 32-bit general registers are numbered R0 to R15. General registers are used for data
processing and address calculation. R0 is also used as an index register. Several instructions have
R0 fixed as their only usable register. R15 is used as the hardware stack pointer (SP). Saving and
restoring the status register (SR) and program counter (PC) in exception handling is accomplished
by referencing the stack using R15.
31
0
R0*1
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R15, SP (hardware stack pointer)*2
Notes: 1. R0 functions as an index register in the indexed register indirect addressing mode and indexed GBR
indirect addressing mode. In some instructions, R0 functions as a fixed source register or destination register.
2. R15 functions as a hardware stack pointer (SP) during exception processing.
Figure 2.1 General Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com