Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 46Page - Renesas Technology Corp SH7201 Datasheet HTML 47Page - Renesas Technology Corp SH7201 Datasheet HTML 48Page - Renesas Technology Corp SH7201 Datasheet HTML 49Page - Renesas Technology Corp SH7201 Datasheet HTML 50Page - Renesas Technology Corp SH7201 Datasheet HTML 51Page - Renesas Technology Corp SH7201 Datasheet HTML 52Page - Renesas Technology Corp SH7201 Datasheet HTML 53Page - Renesas Technology Corp SH7201 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 1196 page
background image
Section 2 CPU
Rev. 2.00 Sep. 07, 2007 Page 22 of 1164
REJ09B0321-0200
(2)
Global Base Register (GBR)
GBR is referenced as the base address in a GBR-referencing MOV instruction.
(3)
Vector Base Register (VBR)
VBR is referenced as the branch destination base address in the event of an exception or an
interrupt.
(4)
Jump Table Base Register (TBR)
TBR is referenced as the start address of a function table located in memory in a
JSR/N@@(disp8,TBR) table-referencing subroutine call instruction.
2.1.3
System Registers
The system registers consist of four 32-bit registers: the high and low multiply and accumulate
registers (MACH and MACL), the procedure register (PR), and the program counter (PC). MACH
and MACL store the results of multiply or multiply and accumulate operations. PR stores the
return address from a subroutine procedure. PC indicates the program address being executed and
controls the flow of the processing.
31
0
31
0
31
PC
PR
MACL
MACH
Multiply and accumulate register high (MACH) and multiply
and accumulate register low (MACL):
Store the results of multiply or multiply and accumulate operations.
Procedure register (PR):
Stores the return address from a subroutine procedure.
Program counter (PC):
Indicates the four bytes ahead of the current instruction.
0
Figure 2.3 System Registers
(1)
Multiply and Accumulate Register High (MACH) and Multiply and Accumulate
Register Low (MACL)
MACH and MACL are used as the addition value in a MAC instruction, and store the result of a
MAC or MUL instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com