Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 29Page - Renesas Technology Corp SH7201 Datasheet HTML 30Page - Renesas Technology Corp SH7201 Datasheet HTML 31Page - Renesas Technology Corp SH7201 Datasheet HTML 32Page - Renesas Technology Corp SH7201 Datasheet HTML 33Page - Renesas Technology Corp SH7201 Datasheet HTML 34Page - Renesas Technology Corp SH7201 Datasheet HTML 35Page - Renesas Technology Corp SH7201 Datasheet HTML 36Page - Renesas Technology Corp SH7201 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 1196 page
background image
Section 1 Overview
Rev. 2.00 Sep. 07, 2007 Page 5 of 1164
REJ09B0321-0200
Item
Features
Direct memory access
controller (DMAC)
• Eight channels; external request available for four of them
• Can be activated by software, on-chip modules, or external devices
 Software; 1, internal source; 32, external source; 4
• Up to 64 Mbytes can be transferred
• Maximum transfer data size
 8, 16, or 32 bits for single-data transfer
 1, 2, 4, 8, 16, 32, 64, or 128 sets of data for single operand transfer
(a transfer continues until the byte count reaches 0)
• Transfer method
 Cycle-stealing transfer (dual address transfer)
Three clock cycles per one set of data (best)
Bus released between read and write cycles
 Pipeline transfer (dual address transfer)
One clock cycle per one set of data (best)
• Addressing method
Increment, decrement, or fixed
• Three clock cycles per one set of data (best)
• Transfer modes
Single operand transfer, continuous operand transfer, and non-stop
transfer
• An interrupt is requested when the byte count reaches 0
• Reloading function
Source address, destination address, and byte count
• DMAC suspend, resume, and stop function
• DMAC forcible terminate function
Clock pulse
generator (CPG)
• Clock mode: Input clock can be selected from external input (EXTAL
or CKIO) or crystal resonator
• Input clock can be multiplied by 16 (max.) by the internal PLL circuit
• Three types of clocks generated
CPU clock: Maximum 120 MHz
Bus clock: Maximum 60 MHz
Peripheral clock: Maximum 40 MHz
Watchdog timer
(WDT)
• On-chip one-channel watchdog timer
• A counter overflow can reset this LSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com