Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 147Page - Renesas Technology Corp SH7201 Datasheet HTML 148Page - Renesas Technology Corp SH7201 Datasheet HTML 149Page - Renesas Technology Corp SH7201 Datasheet HTML 150Page - Renesas Technology Corp SH7201 Datasheet HTML 151Page - Renesas Technology Corp SH7201 Datasheet HTML 152Page - Renesas Technology Corp SH7201 Datasheet HTML 153Page - Renesas Technology Corp SH7201 Datasheet HTML 154Page - Renesas Technology Corp SH7201 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 1196 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 07, 2007 Page 123 of 1164
REJ09B0321-0200
6.3.4
Interrupt Control Register 2 (ICR2)
ICR2 is a 16-bit register that specifies the detection mode for external interrupt input pins PINT7
to PINT0 individually: low level or high level. ICR2 is initialized by a power-on reset or in deep
standby mode.
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
0
0
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
0
0
0
0
0
RRRRRRRR
—————
—
—
—
PINT
7S
PINT
6S
PINT
5S
PINT
4S
PINT
3S
PINT
2S
PINT
1S
PINT
0S
Bit
Bit Name
Initial
Value
R/W
Description
15 to 8
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
7
PINT7S
0
R/W
6
PINT6S
0
R/W
5
PINT5S
0
R/W
4
PINT4S
0
R/W
3
PINT3S
0
R/W
2
PINT2S
0
R/W
1
PINT1S
0
R/W
0
PINT0S
0
R/W
PINT Sense Select
These bits select whether interrupt signals
corresponding to pins PINT7 to PINT0 are detected by
a low level or high level.
0: Interrupt request is detected on low level of PINTn
input
1: Interrupt request is detected on high level of PINTn
input
[Legend]
n = 7 to 0
6.3.5
IRQ Interrupt Request Register (IRQRR)
IRQRR is a 16-bit register that indicates interrupt requests from external input pins IRQ7 to IRQ0.
If edge detection is set for the IRQ7 to IRQ0 interrupts, writing 0 to the IRQ7F to IRQ0F bits after
reading IRQ7F to IRQ0F = 1 cancels the retained interrupts.
IRQRR is initialized by a power-on reset or in deep standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com