Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 170Page - Renesas Technology Corp SH7201 Datasheet HTML 171Page - Renesas Technology Corp SH7201 Datasheet HTML 172Page - Renesas Technology Corp SH7201 Datasheet HTML 173Page - Renesas Technology Corp SH7201 Datasheet HTML 174Page - Renesas Technology Corp SH7201 Datasheet HTML 175Page - Renesas Technology Corp SH7201 Datasheet HTML 176Page - Renesas Technology Corp SH7201 Datasheet HTML 177Page - Renesas Technology Corp SH7201 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 1196 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 07, 2007 Page 146 of 1164
REJ09B0321-0200
6.6
Operation
6.6.1
Interrupt Operation Sequence
The sequence of interrupt operations is described below. Figure 6.2 shows the operation flow.
1. The interrupt request sources send interrupt request signals to the interrupt controller.
2. The interrupt controller selects the highest-priority interrupt from the interrupt requests sent,
following the priority levels set in interrupt priority registers 01, 02, and 05 to 16 (IPR01,
IPR02, and IPR05 to IPR16). Lower priority interrupts are ignored*. If two of these interrupts
have the same priority level or if multiple interrupts occur within a single IPR, the interrupt
with the highest priority is selected, according to the default priority and IPR setting unit
internal priority shown in table 6.4.
3. The priority level of the interrupt selected by the interrupt controller is compared with the
interrupt level mask bits (I3 to I0) in the status register (SR) of the CPU. If the interrupt
request priority level is equal to or less than the level set in bits I3 to I0, the interrupt request is
ignored. If the interrupt request priority level is higher than the level in bits I3 to I0, the
interrupt controller accepts the interrupt and sends an interrupt request signal to the CPU.
4. The CPU detects the interrupt request sent from the interrupt controller when the CPU decodes
the instruction to be executed. Instead of executing the decoded instruction, the CPU starts
interrupt exception handling (figure 6.4).
5. The start address of the interrupt exception service routine is fetched from the exception
handling vector table corresponding to the accepted interrupt.
6. The status register (SR) is saved onto the stack, and the priority level of the accepted interrupt
is copied to bits I3 to I0 in SR.
7. The program counter (PC) is saved onto the stack.
8. The CPU jumps to the fetched start address of the interrupt exception service routine and starts
executing the program. The jump that occurs is not a delayed branch.
Notes: The interrupt source flag should be cleared in the interrupt handler. After clearing the
interrupt source flag, "time from occurrence of interrupt request until interrupt controller
identifies priority, compares it with mask bits in SR, and sends interrupt request signal to
CPU" shown in table 6.5 is required before the interrupt source sent to the CPU is actually
cancelled. To ensure that an interrupt request that should have been cleared is not
inadvertently accepted again, read the interrupt source flag after it has been cleared, and
then execute an RTE instruction.
* Interrupt requests that are designated as edge-sensing are held pending until the
interrupt requests are accepted. IRQ interrupts, however, can be cancelled by accessing
the IRQ interrupt request register (IRQRR). For details, see section 6.4.4, IRQ
Interrupts.
Interrupts held pending due to edge-sensing are cleared by a power-on reset or in deep
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com