Electronic Components Datasheet Search
  English  ▼

X  

SH7201 Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # SH7201
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 201Page - Renesas Technology Corp SH7201 Datasheet HTML 202Page - Renesas Technology Corp SH7201 Datasheet HTML 203Page - Renesas Technology Corp SH7201 Datasheet HTML 204Page - Renesas Technology Corp SH7201 Datasheet HTML 205Page - Renesas Technology Corp SH7201 Datasheet HTML 206Page - Renesas Technology Corp SH7201 Datasheet HTML 207Page - Renesas Technology Corp SH7201 Datasheet HTML 208Page - Renesas Technology Corp SH7201 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 1196 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 Sep. 07, 2007 Page 177 of 1164
REJ09B0321-0200
7.4.5
Usage Examples
(1)
Break Condition Specified for C Bus Instruction Fetch Cycle
(Example 1-1)
• Register specifications
BAR_0 = H'00000404, BAMR_0 = H'00000000, BBR_0 = H'0054, BAR_1 = H'00008010,
BAMR_1 = H'00000006, BBR_1 = H'0054, BDR_1 = H'00000000, BDMR_1 = H'00000000,
BRCR = H'00000020
<Channel 0>
Address:
H'00000404, Address mask: H'00000000
Bus cycle: C bus/instruction fetch (after instruction execution)/read (operand size is not
included in the condition)
<Channel 1>
Address:
H'00008010, Address mask: H'00000006
Data:
H'00000000, Data mask: H'00000000
Bus cycle: C bus/instruction fetch (before instruction execution)/read (operand size is not
included in the condition)
A user break occurs after an instruction of address H'00000404 is executed or before
instructions of addresses H'00008010 to H'00008016 are executed.
(Example 1-2)
• Register specifications
BAR_0 = H'00027128, BAMR_0 = H'00000000, BBR_0 = H'005A, BAR_1= H'00031415,
BAMR_1 = H'00000000, BBR_1 = H'0054, BDR_1 = H'00000000, BDMR_1 = H'00000000,
BRCR = H'00000000
<Channel 0>
Address:
H'00027128, Address mask: H'00000000
Bus cycle: C bus/instruction fetch (before instruction execution)/write/word
<Channel 1>
Address:
H'00031415, Address mask: H'00000000
Data:
H'00000000, Data mask: H'00000000
Bus cycle: C bus/instruction fetch (before instruction execution)/read (operand size is not
included in the condition)
On channel 0, a user break does not occur since instruction fetch is not a write cycle. On
channel 1, a user break does not occur since instruction fetch is performed for an even address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com