Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 250Page - Renesas Technology Corp HD64F36022 Datasheet HTML 251Page - Renesas Technology Corp HD64F36022 Datasheet HTML 252Page - Renesas Technology Corp HD64F36022 Datasheet HTML 253Page - Renesas Technology Corp HD64F36022 Datasheet HTML 254Page - Renesas Technology Corp HD64F36022 Datasheet HTML 255Page - Renesas Technology Corp HD64F36022 Datasheet HTML 256Page - Renesas Technology Corp HD64F36022 Datasheet HTML 257Page - Renesas Technology Corp HD64F36022 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 384 page
background image
Section 14 A/D Converter
Rev. 4.00 Sep. 23, 2005 Page 228 of 354
REJ09B0025-0400
14.6
Usage Notes
14.6.1
Permissible Signal Source Impedance
This LSI's analog input is designed such that conversion accuracy is guaranteed for an input signal
for which the signal source impedance is 5 k
Ω or less. This specification is provided to enable the
A/D converter's sample-and-hold circuit input capacitance to be charged within the sampling time;
if the sensor output impedance exceeds 5 k
Ω, charging may be insufficient and it may not be
possible to guarantee A/D conversion accuracy. However, for A/D conversion in single mode with
a large capacitance provided externally, the input load will essentially comprise only the internal
input resistance of 10 k
Ω, and the signal source impedance is ignored. However, as a low-pass
filter effect is obtained in this case, it may not be possible to follow an analog signal with a large
differential coefficient (e.g., 5 mV/
µs or greater) (see figure 14.6). When converting a high-speed
analog signal or converting in scan mode, a low-impedance buffer should be inserted.
14.6.2
Influences on Absolute Accuracy
Adding capacitance results in coupling with GND, and therefore noise in GND may adversely
affect absolute accuracy. Be sure to make the connection to an electrically stable GND.
Care is also required to ensure that filter circuits do not interfere with digital signals or act as
antennas on the mounting board.
20 pF
10 k
Ω
Cin =
15 pF
Sensor output
impedance
to 5 k
Ω
This LSI
Low-pass
filter
C to 0.1
µF
Sensor input
A/D converter
equivalent circuit
Figure 14.6 Analog Input Circuit Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com