Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 253Page - Renesas Technology Corp HD64F36022 Datasheet HTML 254Page - Renesas Technology Corp HD64F36022 Datasheet HTML 255Page - Renesas Technology Corp HD64F36022 Datasheet HTML 256Page - Renesas Technology Corp HD64F36022 Datasheet HTML 257Page - Renesas Technology Corp HD64F36022 Datasheet HTML 258Page - Renesas Technology Corp HD64F36022 Datasheet HTML 259Page - Renesas Technology Corp HD64F36022 Datasheet HTML 260Page - Renesas Technology Corp HD64F36022 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 384 page
background image
Section 15 Power-On Reset and Low-Voltage Detection Circuits (Optional)
Rev. 4.00 Sep. 23, 2005 Page 231 of 354
REJ09B0025-0400
15.2.1
Low-Voltage-Detection Control Register (LVDCR)
LVDCR is used to enable or disable the low-voltage detection circuit, set the detection levels for
the LVDR function, enable or disable the LVDR function, and enable or disable generation of an
interrupt when the power-supply voltage rises above or falls below the respective levels.
Table 15.1 shows the relationship between the LVDCR settings and select functions. LVDCR
should be set according to table 15.1.
Bit
Bit Name
Initial
Value
R/W
Description
7
LVDE
0*
R/W
LVD Enable
0: The low-voltage detection circuit is not used (In
standby mode)
1: The low-voltage detection circuit is used
6 to 4
All 1
Reserved
These bits are always read as 1, and cannot be modified.
3
LVDSEL
0*
R/W
LVDR Detection Level Select
0: Reset detection voltage is 2.3 V (typ.)
1: Reset detection voltage is 3.6 V (typ.)
When the falling or rising voltage detection interrupt is
used, reset detection voltage of 2.3 V (typ.) should be
used. When only a reset detection interrupt is used, reset
detection voltage of 3.6 V (typ.) should be used.
2
LVDRE
0*
R/W
LVDR Enable
0: Disables the LVDR function
1: Enables the LVDR function
1
LVDDE
0
R/W
Voltage-Fall-Interrupt Enable
0: Interrupt on the power-supply voltage falling below the
selected detection level disabled
1: Interrupt on the power-supply voltage falling below the
selected detection level enabled
0
LVDUE
0
R/W
Voltage-Rise-Interrupt Enable
0: Interrupt on the power-supply voltage rising above the
selected detection level disabled
1: Interrupt on the power-supply voltage rising above the
selected detection level enabled
Note:
*
Not initialized by LVDR but initialized by a power-on reset or WDT reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com