Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 254Page - Renesas Technology Corp HD64F36022 Datasheet HTML 255Page - Renesas Technology Corp HD64F36022 Datasheet HTML 256Page - Renesas Technology Corp HD64F36022 Datasheet HTML 257Page - Renesas Technology Corp HD64F36022 Datasheet HTML 258Page - Renesas Technology Corp HD64F36022 Datasheet HTML 259Page - Renesas Technology Corp HD64F36022 Datasheet HTML 260Page - Renesas Technology Corp HD64F36022 Datasheet HTML 261Page - Renesas Technology Corp HD64F36022 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 384 page
background image
Section 15 Power-On Reset and Low-Voltage Detection Circuits (Optional)
Rev. 4.00 Sep. 23, 2005 Page 232 of 354
REJ09B0025-0400
Table 15.1
LVDCR Settings and Select Functions
LVDCR Settings
Select Functions
LVDE
LVDSEL
LVDRE
LVDDE
LVDUE
Power-On
Reset
LVDR
Low-Voltage-
Detection
Falling
Interrupt
Low-Voltage-
Detection
Rising
Interrupt
0
*
*
*
*
O
1
1
1
0
0
O
O
1
0
0
1
0
O
O
1
0
0
1
1
O
O
O
1
0
1
1
1
O
O
O
O
Legend
* means invalid.
15.2.2
Low-Voltage-Detection Status Register (LVDSR)
LVDSR indicates whether the power-supply voltage falls below or rises above the respective
specified values.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 2
All 1
Reserved
These bits are always read as 1, and cannot be modified.
1
LVDDF
0*
R/W
LVD Power-Supply Voltage Fall Flag
[Setting condition]
When the power-supply voltage falls below Vint (D) (typ. =
3.7 V)
[Clearing condition]
Writing 0 to this bit after reading it as 1
0
LVDUF
0*
R/W
LVD Power-Supply Voltage Rise Flag
[Setting condition]
When the power supply voltage falls below Vint (D) while
the LVDUE bit in LVDCR is set to 1, then rises above Vint
(U) (typ. = 4.0 V) before falling below Vreset1 (typ. = 2.3 V)
[Clearing condition]
Writing 0 to this bit after reading it as 1
Note:
*
Initialized by LVDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com