Electronic Components Datasheet Search
  English  ▼

X  

HD64F36022 Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # HD64F36022
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36022 Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button HD64F36022 Datasheet HTML 256Page - Renesas Technology Corp HD64F36022 Datasheet HTML 257Page - Renesas Technology Corp HD64F36022 Datasheet HTML 258Page - Renesas Technology Corp HD64F36022 Datasheet HTML 259Page - Renesas Technology Corp HD64F36022 Datasheet HTML 260Page - Renesas Technology Corp HD64F36022 Datasheet HTML 261Page - Renesas Technology Corp HD64F36022 Datasheet HTML 262Page - Renesas Technology Corp HD64F36022 Datasheet HTML 263Page - Renesas Technology Corp HD64F36022 Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 384 page
background image
Section 15 Power-On Reset and Low-Voltage Detection Circuits (Optional)
Rev. 4.00 Sep. 23, 2005 Page 234 of 354
REJ09B0025-0400
15.3.2
Low-Voltage Detection Circuit
(1)
LVDR (Reset by Low Voltage Detect) Circuit
Figure 15.3 shows the timing of the LVDR function. The LVDR enters the module-standby state
after a power-on reset is canceled. To operate the LVDR, set the LVDE bit in LVDCR to 1, wait
for 50
µs (t
LVDON) until the reference voltage and the low-voltage-detection power supply have
stabilized by a software timer, etc., then set the LVDRE bit in LVDCR to 1. After that, the output
settings of ports must be made. To cancel the low-voltage detection circuit, first the LVDRE bit
should be cleared to 0 and then the LVDE bit should be cleared to 0. The LVDE and LVDRE bits
must not be cleared to 0 simultaneously because incorrect operation may occur.
When the power-supply voltage falls below the Vreset voltage (typ. = 2.3 V or 3.6 V), the LVDR
clears the
LVDRES signal to 0, and resets the prescaler S. The low-voltage detection reset state
remains in place until a power-on reset is generated. When the power-supply voltage rises above
the Vreset voltage again, the prescaler S starts counting. It counts 131,072 clock (
φ) cycles, and
then releases the internal reset signal. In this case, the LVDE, LVDSEL, and LVDRE bits in
LVDCR are not initialized.
Note that if the power supply voltage (Vcc) falls below V
LVDRmin = 1.0 V and then rises from that
point, the low-voltage detection reset may not occur.
If the power supply voltage (Vcc) falls below Vpor = 100 mV, a power-on reset occurs.
LVDRES
VCC
Vreset
VSS
VLVDRmin
OVF
PSS-reset
signal
Internal reset
signal
131,072 cycles
PSS counter starts
Reset released
Figure 15.3 Operational Timing of LVDR Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com