Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 461 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 461 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 457Page - Renesas Technology Corp SH7101 Datasheet HTML 458Page - Renesas Technology Corp SH7101 Datasheet HTML 459Page - Renesas Technology Corp SH7101 Datasheet HTML 460Page - Renesas Technology Corp SH7101 Datasheet HTML 461Page - Renesas Technology Corp SH7101 Datasheet HTML 462Page - Renesas Technology Corp SH7101 Datasheet HTML 463Page - Renesas Technology Corp SH7101 Datasheet HTML 464Page - Renesas Technology Corp SH7101 Datasheet HTML 465Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 560 page
background image
Section 14 Pin Function Controller (PFC)
Rev.1.00 Sep. 18, 2008 Page 427 of 522
REJ09B0069-0100
Register
Bit
Bit Name
Initial
Value
R/W
Description
PECRL2
PECRL2
9
8
PE4MD1
PE4MD0
0*
0*
R/W
R/W
PE4 Mode
Select the function of the PE4/TIOC1A/RxD3/A6 pin.
00: PE4 I/O (port)
10: RxD3 input (SCI)
01: TIOC1A I/O (MTU)
11: A6 output (BSC)
PECRL2
PECRL2
7
6
PE3MD1
PE3MD0
0
0
R/W
R/W
PE3 Mode
Select the function of the PE3/TIOC0D pin.
00: PE3 I/O (port)
10: Setting prohibited
01: TIOC0D I/O (MTU)
11: Setting prohibited
PECRL2
PECRL2
5
4
PE2MD1
PE2MD0
0
0
R/W
R/W
PE2 Mode
Select the function of the PE2/TIOC0C pin.
00: PE2 I/O (port)
10: Setting prohibited
01: TIOC0C I/O (MTU)
11: Setting prohibited
PECRL2
PECRL2
3
2
PE1MD1
PE1MD0
0
0
R/W
R/W
PE1 Mode
Select the function of the PE1/TIOC0B pin.
00: PE1 I/O (port)
10: Setting prohibited
01: TIOC0B I/O (MTU)
11: Setting prohibited
PECRL2
PECRL2
1
0
PE0MD1
PE0MD0
0*
0*
R/W
R/W
PE0 Mode
Select the function of the PE0/TIOC0A/
CS0 pin.
00: PE0 I/O (port)
10: Setting prohibited
01: TIOC0A I/O (MTU)
11:
CS0 output (BSC)
Note:
*
The initial value is 1 in 8-bit external extended mode with the on-chip ROM disabled.
14.2
Usage Note
In this LSI, individual functions are available as multiplexed functions on multiple pins. This
approach is intended to increase the number of selectable pin functions and to allow the easier
design of boards.
When the pin function controller (PFC) is used to select a function, only a single pin can be
specified for each function. If one function is specified for two or more pins, the function will not
work properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com