Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 459 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 459 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 455Page - Renesas Technology Corp SH7101 Datasheet HTML 456Page - Renesas Technology Corp SH7101 Datasheet HTML 457Page - Renesas Technology Corp SH7101 Datasheet HTML 458Page - Renesas Technology Corp SH7101 Datasheet HTML 459Page - Renesas Technology Corp SH7101 Datasheet HTML 460Page - Renesas Technology Corp SH7101 Datasheet HTML 461Page - Renesas Technology Corp SH7101 Datasheet HTML 462Page - Renesas Technology Corp SH7101 Datasheet HTML 463Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 560 page
background image
Section 14 Pin Function Controller (PFC)
Rev.1.00 Sep. 18, 2008 Page 425 of 522
REJ09B0069-0100
(2) Port E Control Registers L1, L2, and H (PECRL1, PECRL2, and PECRH) in SH7109
Register
Bit
Bit Name
Initial
Value
R/W
Description
PECRH
15 to 12
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
PECRH
PECRH
11
10
PE21MD1
PE21MD0
0*
0*
R/W
R/W
PE21 Mode
Select the function of the PE21/PWOB/A15 pin.
00: PE21 I/O (port)
10: Setting prohibited
01: PWOB output (MMT) 11: A15 output (BSC)
PECRH
PECRH
9
8
PE20MD1
PE20MD0
0*
0*
R/W
R/W
PE20 Mode
Select the function of the PE20/PVOB/A14 pin.
00: PE20 I/O (port)
10: Setting prohibited
01: PVOB output (MMT)
11: A14 output (BSC)
PECRH
PECRH
7
6
PE19MD1
PE19MD0
0*
0*
R/W
R/W
PE19 Mode
Select the function of the PE19/PUOB/A13 pin.
00: PE19 I/O (port)
10: Setting prohibited
01: PUOB output (MMT) 11: A13 output (BSC)
PECRH
PECRH
5
4
PE18MD1
PE18MD0
0*
0*
R/W
R/W
PE18 Mode
Select the function of the PE18/PWOA/A12 pin.
00: PE18 I/O (port)
10: Setting prohibited
01: PWOA output (MMT) 11: A12 output (BSC)
PECRH
PECRH
3
2
PE17MD1
PE17MD0
0*
0*
R/W
R/W
PE17 Mode
Select the function of the PE17/PVOA/
WAIT/A11 pin.
00: PE17 I/O (port)
10:
WAIT input (BSC)
01: PVOA output (MMT) 11: A11 output (BSC)
PECRH
PECRH
1
0
PE16MD1
PE16MD0
0*
0*
R/W
R/W
PE16 Mode
Select the function of the PE16/PUOA/A10 pin.
00: PE16 I/O (port)
10: Setting prohibited
01: PUOA output (MMT) 11: A10 output (BSC)
PECRL1
PECRL1
15
14
PE15MD1
PE15MD0
0
0
R/W
R/W
PE15 Mode
Select the function of the PE15/TIOC4D/
IRQOUT pin.
00: PE15 I/O (port)
10: Setting prohibited
01: TIOC4D I/O (MTU)
11:
IRQOUT output (INTC)
PECRL1
PECRL1
13
12
PE14MD1
PE14MD0
0
0
R/W
R/W
PE14 Mode
Select the function of the PE14/TIOC4C pin.
00: PE14 I/O (port)
10: Setting prohibited
01: TIOC4C I/O (MTU)
11: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com