Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 455 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 451Page - Renesas Technology Corp SH7101 Datasheet HTML 452Page - Renesas Technology Corp SH7101 Datasheet HTML 453Page - Renesas Technology Corp SH7101 Datasheet HTML 454Page - Renesas Technology Corp SH7101 Datasheet HTML 455Page - Renesas Technology Corp SH7101 Datasheet HTML 456Page - Renesas Technology Corp SH7101 Datasheet HTML 457Page - Renesas Technology Corp SH7101 Datasheet HTML 458Page - Renesas Technology Corp SH7101 Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 560 page
background image
Section 14 Pin Function Controller (PFC)
Rev.1.00 Sep. 18, 2008 Page 421 of 522
REJ09B0069-0100
Register
Bit
Bit Name
Initial
Value
R/W
Description
PDCRL2
PDCRL1
1
1
PD1MD1
PD1MD0
0
0*
1
R/W
R/W
PD1 Mode
Select the function of the PD1/D1/TxD2 pin.
00: PD1 I/O (port)
10: TxD2 output (SCI)
01: D1 I/O (BSC)*
2
11: Setting prohibited
PDCRL2
PDCRL1
0
0
PD0MD1
PD0MD0
0
0*
1
R/W
R/W
PD0 Mode
Select the function of the PD0/D0/RxD2 pin.
00: PD0 I/O (port)
10: RxD2 input (SCI)
01: D0 I/O (BSC)*
2
11: Setting prohibited
Notes: 1. The initial value is 1 in 8-bit external extended mode with the on-chip ROM disabled.
2. When using the external buses, set D7 to D0 at input/output pins.
14.1.7
Port E I/O Registers L and H (PEIORL and PEIORH)
PEIORL and PEIORH are 16-bit readable/writable registers that set the pins on port E as inputs or
outputs. Bits PE21IOR to PE0IOR correspond to pins PE21 to PE0 (names of multiplexed pins are
here given as port names and pin numbers alone). PEIORL is enabled when the port E pins are
functioning as general-purpose inputs/outputs (PE15 to PE0), TIOC pins are functioning as
inputs/outputs of the MTU, and SCK2 and SCK3 pins are functioning as inputs/outputs of the SCI.
In other states, PEIORL is disabled. PEIORH is enabled when the port E pins are functioning as
general-purpose inputs/outputs (PE21 to PE16). In other states, PEIORH is disabled.
A given pin on port E will be an output pin if the corresponding PEIORL or PEIORH bit is set to 1,
and an input pin if the bit is cleared to 0.
Bits 15 to 6 in PEIORH are reserved. These bits are always read as 0. The write value should
always be 0.
The initial values of PEIORL and PEIORH are H'0000.
14.1.8
Port E Control Registers L1, L2, and H (PECRL1, PECRL2, and PECRH)
PECRL1, PECRL2, and PECRH are 16-bit readable/writable registers that select the multiplexed
pin function of the pins on port E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com