Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 451 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 451 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 447Page - Renesas Technology Corp SH7101 Datasheet HTML 448Page - Renesas Technology Corp SH7101 Datasheet HTML 449Page - Renesas Technology Corp SH7101 Datasheet HTML 450Page - Renesas Technology Corp SH7101 Datasheet HTML 451Page - Renesas Technology Corp SH7101 Datasheet HTML 452Page - Renesas Technology Corp SH7101 Datasheet HTML 453Page - Renesas Technology Corp SH7101 Datasheet HTML 454Page - Renesas Technology Corp SH7101 Datasheet HTML 455Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 560 page
background image
Section 14 Pin Function Controller (PFC)
Rev.1.00 Sep. 18, 2008 Page 417 of 522
REJ09B0069-0100
14.1.4
Port B Control Registers 1 and 2 (PBCR1 and PBCR2)
PBCR1 and PBCR2 are 16-bit readable/writable registers that select the multiplexed pin function
of the pins on port B.
Note that bit 9 in PBCR1 and bits 3 to 0 in PBCR2 are disabled in the SH7108.
(1) Port B Control Registers 1 and 2 (PBCR1 and PBCR2) in SH7108
Register
Bit
Bit Name
Initial
Value
R/W
Description
PBCR1
PBCR1
PBCR1
PBCR2
PBCR2
15, 14
8 to 0
9
15 to 12
3 to 0
—
—
—
—
—
All 0
All 0
0
All 0
All 0
R
R
R
R
R
Reserved
These bits are always read as 0. The write value
should always be 0.
PBCR1
PBCR2
PBCR2
13
11
10
PB5MD2
PB5MD1
PB5MD0
0
0
0
R/W
R/W
R/W
PB5 Mode
Select the function of the PB5/
IRQ3/POE3 pin.
000: PB5 I/O (port)
011: Setting prohibited
001:
IRQ3 input (INTC) 1xx: Setting prohibited
010:
POE3 input (port)
PBCR1
PBCR2
PBCR2
12
9
8
PB4MD2
PB4MD1
PB4MD0
0
0
0
R/W
R/W
R/W
PB4 Mode
Select the function of the PB4/
IRQ2/POE2 pin.
000: PB4 I/O (port)
011: Setting prohibited
001:
IRQ2 input (INTC) 1xx: Setting prohibited
010:
POE2 input (port)
PBCR1
PBCR2
PBCR2
11
7
6
PB3MD2
PB3MD1
PB3MD0
0
0
0
R/W
R/W
R/W
PB3 Mode
Select the function of the PB3/
IRQ1/POE1 pin.
000: PB3 I/O (port)
011: Setting prohibited
001:
IRQ1 input (INTC) 1xx: Setting prohibited
010:
POE1 input (port)
PBCR1
PBCR2
PBCR2
10
5
4
PB2MD2
PB2MD1
PB2MD0
0
0
0
R/W
R/W
R/W
PB2 Mode
Select the function of the PB2/
IRQ0/POE0 pin.
000: PB2 I/O (port)
011: Setting prohibited
001:
IRQ0 input (INTC) 1xx: Setting prohibited
010:
POE0 input (port)
Legend: x: Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com