Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 450 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 450 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 446Page - Renesas Technology Corp SH7101 Datasheet HTML 447Page - Renesas Technology Corp SH7101 Datasheet HTML 448Page - Renesas Technology Corp SH7101 Datasheet HTML 449Page - Renesas Technology Corp SH7101 Datasheet HTML 450Page - Renesas Technology Corp SH7101 Datasheet HTML 451Page - Renesas Technology Corp SH7101 Datasheet HTML 452Page - Renesas Technology Corp SH7101 Datasheet HTML 453Page - Renesas Technology Corp SH7101 Datasheet HTML 454Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 560 page
background image
Section 14 Pin Function Controller (PFC)
Rev.1.00 Sep. 18, 2008 Page 416 of 522
REJ09B0069-0100
14.1.3
Port B I/O Register (PBIOR)
PBIOR is a 16-bit readable/writable register that sets the pins on port B as inputs or outputs. Bits
PB5IOR to PB0IOR correspond to pins PB5 to PB0 (names of multiplexed pins are here given as
port names and pin numbers alone). PBIOR is enabled when port B pins are functioning as
general-purpose inputs/outputs (PB5 to PB0). In other states, PBIOR is disabled.
A given pin on port B will be an output pin if the corresponding bit in PBIOR is set to 1, and an
input pin if the bit is cleared to 0.
Note that bits 1 and 0 are disabled in the SH7108.
Bits 15 to 6 are reserved. These bits are always read as 0. The write value should always be 0.
The initial vale of PBIOR is H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com