Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 449 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 449 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 445Page - Renesas Technology Corp SH7101 Datasheet HTML 446Page - Renesas Technology Corp SH7101 Datasheet HTML 447Page - Renesas Technology Corp SH7101 Datasheet HTML 448Page - Renesas Technology Corp SH7101 Datasheet HTML 449Page - Renesas Technology Corp SH7101 Datasheet HTML 450Page - Renesas Technology Corp SH7101 Datasheet HTML 451Page - Renesas Technology Corp SH7101 Datasheet HTML 452Page - Renesas Technology Corp SH7101 Datasheet HTML 453Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 560 page
background image
Section 14 Pin Function Controller (PFC)
Rev.1.00 Sep. 18, 2008 Page 415 of 522
REJ09B0069-0100
Register
Bit
Bit Name
Initial
Value
R/W
Description
PACRL3
PACRL2
PACRL2
4
9
8
PA4MD2
PA4MD1
PA4MD0
0*
0
0
R/W
R/W
R/W
PA4 Mode
Select the function of the PA4/A4/TxD3 pin.
000: PA4 I/O (port)
100: A4 output (BSC)
001: Setting prohibited
101: Setting prohibited
010: Setting prohibited
110: TxD3 output (SCI)
011: Setting prohibited
111: Setting prohibited
PACRL3
PACRL2
PACRL2
3
7
6
PA3MD2
PA3MD1
PA3MD0
0*
0
0
R/W
R/W
R/W
PA3 Mode
Select the function of the PA3/A3/RxD3 pin.
000: PA3 I/O (port)
100: A3 output (BSC)
001: Setting prohibited
101: Setting prohibited
010: Setting prohibited
110: RxD3 input (SCI)
011: Setting prohibited
111: Setting prohibited
PACRL3
PACRL2
PACRL2
2
5
4
PA2MD2
PA2MD1
PA2MD0
0*
0
0
R/W
R/W
R/W
PA2 Mode
Select the function of the PA2/
IRQ0/A2/PCIO/SCK2 pin.
000: PA2 I/O (port)
100: A2 output (BSC)
001: Setting prohibited
101: PCIO I/O (MMT)
010: Setting prohibited
110: SCK2 I/O (SCI)
011:
IRQ0 input (INTC)
111: Setting prohibited
PACRL3
PACRL2
PACRL2
1
3
2
PA1MD2
PA1MD1
PA1MD0
0*
0
0
R/W
R/W
R/W
PA1 Mode
Select the function of the PA1/A1/
POE1/TxD2 pin.
000: PA1 I/O (port)
100: A1 output (BSC)
001: Setting prohibited
101:
POE1 input (port)
010: Setting prohibited
110: TxD2 output (SCI)
011: Setting prohibited
111: Setting prohibited
PACRL3
PACRL2
PACRL2
0
1
0
PA0MD2
PA0MD1
PA0MD0
0*
0
0
R/W
R/W
R/W
PA0 Mode
Select the function of the PA0/A0/
POE0/RxD2 pin.
000: PA0 I/O (port)
100: A0 output (BSC)
001: Setting prohibited
101:
POE0 input (port)
010: Setting prohibited
110: RxD2 input (SCI)
011: Setting prohibited
111: Setting prohibited
Note:
*
The initial value is 1 in 8-bit external extended mode with the on-chip ROM disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com