Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 496 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 496 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 492Page - Renesas Technology Corp SH7101 Datasheet HTML 493Page - Renesas Technology Corp SH7101 Datasheet HTML 494Page - Renesas Technology Corp SH7101 Datasheet HTML 495Page - Renesas Technology Corp SH7101 Datasheet HTML 496Page - Renesas Technology Corp SH7101 Datasheet HTML 497Page - Renesas Technology Corp SH7101 Datasheet HTML 498Page - Renesas Technology Corp SH7101 Datasheet HTML 499Page - Renesas Technology Corp SH7101 Datasheet HTML 500Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 560 page
background image
Section 18 Power-Down Modes
Rev.1.00 Sep. 18, 2008 Page 462 of 522
REJ09B0069-0100
When an on-chip peripheral module is in module standby mode, read/write access to its registers is
disabled.
18.4
Usage Notes
18.4.1
I/O Port Status
When a transition is made to software standby mode while the port high-impedance bit (HIZ) in
SBYCR is cleared to 0, I/O port states are retained. Therefore, there is no reduction in current
consumption for the output current when a high-level signal is output.
18.4.2
Current Consumption during Oscillation Stabilization Wait Period
Current consumption increases during the oscillation stabilization wait period.
18.4.3
On-Chip Peripheral Module Interrupt
Relevant interrupt operations cannot be performed in module standby mode. Consequently, if the
CPU enters module standby mode while an interrupt has been requested, it will not be possible to
clear the CPU interrupt source.
Interrupts should therefore be disabled before entering module standby mode.
18.4.4
Writing to MSTCR1 and MSTCR2
MSTCR1 and MSTCR2 should only be written to by the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com