Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 500 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 500 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 496Page - Renesas Technology Corp SH7101 Datasheet HTML 497Page - Renesas Technology Corp SH7101 Datasheet HTML 498Page - Renesas Technology Corp SH7101 Datasheet HTML 499Page - Renesas Technology Corp SH7101 Datasheet HTML 500Page - Renesas Technology Corp SH7101 Datasheet HTML 501Page - Renesas Technology Corp SH7101 Datasheet HTML 502Page - Renesas Technology Corp SH7101 Datasheet HTML 503Page - Renesas Technology Corp SH7101 Datasheet HTML 504Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 560 page
background image
Section 19 List of Registers
Rev.1.00 Sep. 18, 2008 Page 466 of 522
REJ09B0069-0100
Register Name
Abbre-
viation
Bits Address
Module
Access
Size
Access
States
Interrupt priority register D
IPRD
16
H'FFFF834E
8, 16
Interrupt priority register E
IPRE
16
H'FFFF8350
8, 16, 32
Interrupt priority register F
IPRF
16
H'FFFF8352
8, 16
Interrupt priority register G
IPRG
16
H'FFFF8354
8, 16, 32
Interrupt priority register H
IPRH
16
H'FFFF8356
8, 16
Interrupt control register 1
ICR1
16
H'FFFF8358
8, 16, 32
IRQ status register
ISR
16
H'FFFF835A
8, 16
Interrupt priority register I
IPRI
16
H'FFFF835C
8, 16, 32
Interrupt priority register J
IPRJ
16
H'FFFF835E
8, 16
Interrupt priority register K
IPRK
16
H'FFFF8360
8, 16, 32
—
—
—
H'FFFF8362 to
H'FFFF8365
—
Interrupt control register 2
ICR2
16
H'FFFF8366
8, 16
—
—
—
H'FFFF8368 to
H'FFFF837F
—
—
—
—
H'FFFF8380 to
H'FFFF8381
—
—
—
Port A data register L
PADRL
16
H'FFFF8382
I/O
8, 16
—
—
—
H'FFFF8384 to
H'FFFF8385
—
—
In
φ cycles
B: 2
W: 2
L: 4
Port A I/O register L
PAIORL
16
H'FFFF8386
PFC
8, 16
—
—
—
H'FFFF8388 to
H'FFFF8389
—
—
Port A control register L3
PACRL3
16
H’FFFF838A
PFC
8, 16
Port A control register L1
PACRL1
16
H’FFFF838C
8, 16, 32
Port A control register L2
PACRL2
16
H’FFFF838E
8, 16
Port B data register
PBDR
16
H’FFFF8390
I/O
8, 16
—
—
—
H’FFFF8392 to
H’FFFF8393
—
—
Port B I/O register
PBIOR
16
H'FFFF8394
PFC
8, 16, 32
—
—
—
H'FFFF8396 to
H'FFFF8397
—
—
Port B control register 1
PBCR1
16
H'FFFF8398
PFC
8, 16, 32
Port B control register 2
PBCR2
16
H'FFFF839A
8, 16
—
—
—
H'FFFF839C to
H'FFFF83A1
—
—
In
φ cycles
B: 2
W: 2
L: 4
Port D data register L
PDDRL
16
H'FFFF83A2
I/O
8, 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com