Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 503 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 503 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 499Page - Renesas Technology Corp SH7101 Datasheet HTML 500Page - Renesas Technology Corp SH7101 Datasheet HTML 501Page - Renesas Technology Corp SH7101 Datasheet HTML 502Page - Renesas Technology Corp SH7101 Datasheet HTML 503Page - Renesas Technology Corp SH7101 Datasheet HTML 504Page - Renesas Technology Corp SH7101 Datasheet HTML 505Page - Renesas Technology Corp SH7101 Datasheet HTML 506Page - Renesas Technology Corp SH7101 Datasheet HTML 507Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 503 / 560 page
background image
Section 19 List of Registers
Rev.1.00 Sep. 18, 2008 Page 469 of 522
REJ09B0069-0100
Register Name
Abbre-
viation
Bits Address
Module
Access
Size
Access
States
Timer control/status register
TCSR
8
H'FFFF8610
8*
2/16*1
Timer counter
TCNT*
1
8
H'FFFF8610
16
Timer counter
TCNT*
2
8
H'FFFF8611
8
In
φ cycles
B: 3
W: 3
Reset control/status register
RSTCSR*
1
8
H'FFFF8612
16
Reset control/status register
RSTCSR*
2
8
H'FFFF8613
WDT
*1: Write
cycle
*2: Read
cycle
8
Standby control register
SBYCR
8
H'FFFF8614
Power-
down
modes
8
In
φ cycles
B: 3
—
—
—
H'FFFF8615 to
H'FFFF8617
—
—
—
System control register
SYSCR
8
H'FFFF8618
Power-
down
modes
8
—
—
—
H'FFFF8619 to
H'FFFF861B
—
Module standby control register 1 MSTCR1
16
H'FFFF861C
8, 16, 32
Module standby control register 2 MSTCR2
16
H'FFFF861E
8, 16
In P
φ cycles
B: 3
W: 3
L: 6
Bus control register 1
BCR1
16
H'FFFF8620
BSC
8, 16, 32
Bus control register 2
BCR2
16
H'FFFF8622
8, 16
Wait control register 1
WCR1
16
H'FFFF8624
8, 16
—
—
—
H'FFFF8626
—
In
φ cycles
B: 3
W: 3
L: 6
—
—
—
H'FFFF8628 to
H'FFFF864F
—
—
—
—
—
—
H'FFFF8650 to
H'FFFF87F3
—
—
—
A/D trigger select register
ADTSR
8
H'FFFF87F4
A/D
8
—
—
—
H'FFFF87F5 to
H'FFFF89FF
—
In P
φ cycles
B: 3
Timer mode register
MMT_TMDR
8
H'FFFF8A00
MMT
8
—
—
—
H'FFFF8A01
—
Timer control register
TCNR
8
H'FFFF8A02
8
—
—
—
H'FFFF8A03
—
Timer status register
MMT_TSR
8
H'FFFF8A04
8
—
—
—
H'FFFF8A05
—
In P
φ cycles
B: 2
W: 2
L: 4
Timer counter
MMT_TCNT
16
H'FFFF8A06
16
Timer period data register
TPDR
16
H'FFFF8A08
16, 32
Timer period buffer register
TPBR
16
H'FFFF8A0A
16
Timer dead time data register
MMT_TDDR
16
H'FFFF8A0C
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com