Electronic Components Datasheet Search
  English  ▼

X  

32192 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # 32192
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32192 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button 32192 Datasheet HTML 31Page - Renesas Technology Corp 32192 Datasheet HTML 32Page - Renesas Technology Corp 32192 Datasheet HTML 33Page - Renesas Technology Corp 32192 Datasheet HTML 34Page - Renesas Technology Corp 32192 Datasheet HTML 35Page - Renesas Technology Corp 32192 Datasheet HTML 36Page - Renesas Technology Corp 32192 Datasheet HTML 37Page - Renesas Technology Corp 32192 Datasheet HTML 38Page - Renesas Technology Corp 32192 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 1044 page
background image
1
1-15
OVERVIEW
32192/32195/32196 Group Hardware Manual
Rev.1.10 REJ09B0123-0110 Apr.06.07
1.4 Pin Assignments
Figure 1.4.1 and Figure 1.4.2 show the 32192/32195/32196’s pin assignment diagram. A pin assignment table is
shown in Table 1.4.1 and Table 1.4.2.
Figure 1.4.1 Pin Assignment Diagram of the M32192F8xFP, M32195F4xFP, and M32196F8xFP (Top View)
M32192F8xFP
M32195F4xFP
M32196F8xFP
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
VSS
P87/SCLKI1/SCLKO1/TO21
P86/RXD1/TO22
P85/TXD1/TO23
P84/SCLKI0/SCLKO0/TO24
P83/RXD0/TO25
P82/TXD0/TO26
VCCER
P175/RXD2/TO27
P174/TXD2/TO28
VSS
EXCVCC
AVSS0
AD0IN15
AD0IN14
AD0IN13
AD0IN12
AD0IN11
AD0IN10
AD0IN9
AD0IN8
AD0IN7
AD0IN6
AD0IN5
AD0IN4
AD0IN3
AD0IN2
AD0IN1
AD0IN0
AVCC0
VREF0
P17/DB15/TO36/DD15
P16/DB14/TO35/DD14
P15/DB13/TO34/DD13
P14/DB12/TO33/DD12
P13/DB11/TO32/DD11
JTMS
JTCK/NBDCLK
JTRST
JTDO/NBDEVNT#
JTDI/NBDSYNC#
P103/TO11/TIN24
P104/TO12/TIN25/DD3
P105/TO13/SCLKI4/SCLKO4/DD2
P106/TO14/TXD4/DD1
P107/TO15/RXD4/DD0
P124/TCLK0/A9/DD3
P125/TCLK1/A10/DD2
P126/TCLK2/CS2#/DD1
P127/TCLK3/CS3#/DD0
MOD2(Note 1)
P130/TIN16/PWMOFF0/DIN0
P131/TIN17/PWMOFF1/DIN1
P132/TIN18/DIN2
P133/TIN19/DIN3
P134/TIN20/TXD3/DIN4
P135/TIN21/RXD3
P136/TIN22/CRX1
P137/TIN23/CTX1
VCCE
P150/TIN0/CLKOUT/WR#
P153/TIN3/WAIT#
P41/BLW#/BLE#
P42/BHW#/BHE#
EXCVCC
VSS
P43/RD#
P44/CS0#/TIN8
P45/CS1#/TIN9
P46/A13/TIN10
P47/A14/TIN11
P220/CTX0/HACK#
Package: 144pin LQFP(PLQP0144KA-A)
Note 1: MOD2 must be connected to the ground (GND).
Notes: • The symbol "#" suffixed to the pin (or signal) name means that the pins (or signals) are "L."
• As for package dimension, refer to "Appendix1.1 Package Dimensional Outline Drawing."
1.4 Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com