Electronic Components Datasheet Search
  English  ▼

X  

32192 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 32192
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32192 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 32192 Datasheet HTML 32Page - Renesas Technology Corp 32192 Datasheet HTML 33Page - Renesas Technology Corp 32192 Datasheet HTML 34Page - Renesas Technology Corp 32192 Datasheet HTML 35Page - Renesas Technology Corp 32192 Datasheet HTML 36Page - Renesas Technology Corp 32192 Datasheet HTML 37Page - Renesas Technology Corp 32192 Datasheet HTML 38Page - Renesas Technology Corp 32192 Datasheet HTML 39Page - Renesas Technology Corp 32192 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 1044 page
background image
1-16
1
32192/32195/32196 Group Hardware Manual
OVERVIEW
Rev.1.10 REJ09B0123-0110 Apr.06.07
Figure 1.4.2 Pin Assignment Diagram of the M32192F8xWG (Top View)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VSS
JTMS
JTDO
P103/TO11
P107/TO15
P150/TIN0
EXCVCC
P45/CS1#
VSS
VDDE
P100/TO8
JTRST
JTDI
/NBDSYNC#
P153/TIN3
VSS
P46/A13
/TIN10
P47/A14
/TIN11
P44/CS0#
/TIN8
P31/A16
/TIN5/DD17
P35/A20
/TIN31/DD21
P20/A23
/DD24
P26/A29
/DD30
P02/DB2
/TO23/DD2
P17/DB15
/TO36/DD15
P221/CRX0
/WR#
/DIN1
/PWMOFF1
MOD2
(Note 1)
/TIN24
/RXD4/DD0
P126/TCLK2
/CS2#/DD1
P125/TCLK1
/A10/DD2
/WAIT#
/CRX1
P132/TIN18
/DIN2
P133/TIN19
/DIN3
P127/TCLK3
/CS3#/DD0
/TXD4/DD1
P102/TO10
/CTX0
P101/TO9
/CRX0
P116/TO6
/TO35/DD5
JTCK
VSS
/DD2
P225/A12
P41/BLW#
P43/RD#
/SCLKI4
/SCLKO4
/BLE#
XOUT
P115/TO5
VSS
P224/A11
/CS2#
P34/A19
/TIN30/DD20
P37/A22
/TIN33/DD23
P23/A26
/DD27
P27/A30
/DD31
P03/DB3
/TO24/DD3
P06/DB6
/TO27/DD6
P11/DB9
/TO30/DD9
XIN
/TXD3/DIN4
P42/BHW#
/BHE#
VCCE
P130/TIN16
/DIN0
/PWMOFF0
/TO34/DD6
P112/TO2
/TO31/DD9
P30/A15
/TIN4/DD16
P33/A18
/TIN7/DD19
P36/A21
/TIN32/DD22
P22/A25
/DD26
P24/A27
/DD28
P00/DB0
/TO21/DD0
P04/DB4
/TO25/DD4
P07/DB7
/TO28/DD7
P12/DB10
/TO31/DD10
P13/DB11
/TO32/DD11
P14/DB12
/TO33/DD12
VCCER
VCC-BUS
P114/TO4
/TO33/DD7
P110/TO0
/TO29/DD11
P94/TO17
/TXD5/DD15
P76/RTDACK
/CTX1/NBDD2
P73/HACK#
/TIN26
P70/CLKOUT
/WR#/BCLK
P86/RXD1
/TO22
P113/TO3
/TO32/DD8
P95/TO18
/RXD5/DD14
VCCE
VSS
MOD1
FP
VCC-BUS
MOD0
RESET#
VSS
VSS
VSS
/CRX1/NBDD3
/SCLKI5
/SCLKO5
P74/RTDTXD
/TXD3/NBDD0
/RXD3/NBDD1
VREF0
AD0IN2
AD0IN6
AD0IN10
AD0IN15
VCCE
P71/WAIT
AV C C 0
AD0IN3
AD0IN7
AD0IN11
AD0IN12
AD0IN14
VSS
/SCLKO1
/TO21
P63
SBI#
EXCVDD
AD0IN0
AD0IN4
AD0IN8
EXCVCC
VCCER
/SCLKO0
/TO24
P62
P61
VSS
AD0IN1
AD0IN5
AD0IN9
AD0IN13
AVSS0
VSS
C
AD
E
FG
H
J
KL
M
N
P
R
B
/CLKOUT
P136/TIN22
/CTX1
P137/TIN23
/RXD3
P135/TIN21
P131/TIN17
P134/TIN20
P106/TO14
/A9/DD3
P124/TCLK0
BALL
THERMAL-
BALL
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
/TO28
P174/TXD2
/TO26
P82/TXD0
/TO27
P175/RXD2
/TIN25/DD3
P104/TO12
/TO30/DD10
P111/TO1
/DD12
P97/TO20
/DD13
P96/TO19
/TO23
P85/TXD1
/TO25
P83/RXD0
P105/TO13
P93/TO16
P87/SCLKI1
P84/SCLK0
P75/RTDRXD
/TIN27
P72/HREQ#
P77/RTDCLK
/NBDEVNT#
TIN9
P220/CTX0
/HACK#
/HREQ#
/CS3#
P32/A17
/TIN6/DD18
P21/A24
/DD25
P25/A28
/DD29
P01/DB1
/TO22/DD1
P05/DB5
/TO26/DD5
P10/DB8
/TO29/DD8
P15/DB13
/TO34/DD13
P16/DB14
/TO35/DD14
/NBDCLK
P117/TO7
/TO36/DD4
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
BALL
THERMAL-
Package: 224pin FBGA
Note 1: MOD2 must be connected to the ground (GND).
Note 2: THERMAL BALL must be connected to the ground (GND).
Note: • The symbol "#" suffixed to the pin (or signal) name means that the pins (or signals) are "L."
1.4 Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com