Electronic Components Datasheet Search
  English  ▼

X  

32192 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # 32192
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32192 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button 32192 Datasheet HTML 26Page - Renesas Technology Corp 32192 Datasheet HTML 27Page - Renesas Technology Corp 32192 Datasheet HTML 28Page - Renesas Technology Corp 32192 Datasheet HTML 29Page - Renesas Technology Corp 32192 Datasheet HTML 30Page - Renesas Technology Corp 32192 Datasheet HTML 31Page - Renesas Technology Corp 32192 Datasheet HTML 32Page - Renesas Technology Corp 32192 Datasheet HTML 33Page - Renesas Technology Corp 32192 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 1044 page
background image
1-10
1
32192/32195/32196 Group Hardware Manual
OVERVIEW
Rev.1.10 REJ09B0123-0110 Apr.06.07
1.3 Pin Functions
Figure 1.3.1 and Figure 1.3.2 show the 32192/32195/32196’s pin function diagram. Pin functions are de-
scribed in Table 1.3.1.
Note 1: MOD2 must be connected to the ground (GND).
Notes: . The symbol "#" suffixed to the pin (or signal) name means that the pins (or signals) are "L."
.
: operates with VCCE power supply
: operates with VCC-BUS power supply
XIN
Clock
Multi-
junction
timer
Multi-
junction
timer
Data
bus
DRI
NBD
Address
bus
Reset
Port 0
Port 1
Port 2
Port 3
Multi-
junction
timer
Multi-
junction
timer
Serial
Interface
CAN
Address
bus
Bus control
Bus control/
Clock
Real
time
debugger
Port 4
Port 7
Flash
Interrupt
controller
Mode
A/D converter
XOUT
RESET#
MOD0
MOD1
16
MOD2 (Note 1)
FP
Port 6
P61-P63
P70/CLKOUT/WR#/BCLK
P71/WAIT#
P72/HREQ#/TIN27
P73/HACK#/TIN26
P74/RTDTXD/TXD3/NBDD0
P75/RTDRXD/RXD3/NBDD1
P76/RTDACK/CTX1/NBDD2
P77/RTDCLK/CRX1/NBDD3
Port 8
Power
supply
P82/TXD0/TO26
P83/RXD0/TO25
P84/SCLKI0/SCLKO0/TO24
P85/TXD1/TO23
P86/RXD1/TO22
P87/
SCLKI1/SCLKO1/TO21
VCCE
EXCVCC
VCC-BUS
VDDE
EXCVDD
VSS
SBI#
AD0IN0-AD0IN15
AVCC0
AVSS0
VREF0
P93/TO16/SCLKI5/SCLKO5
P94/TO17/TXD5/DD15
P96/TO19/DD13
P97/TO20/DD12
P100/TO8
P41/BLW#/BLE#
P42/BHW#/BHE#
P43/RD#
P44/CS0#/TIN8,
P45/CS1#/TIN9
P46/A13/TIN10,
P47/A14/TIN11
P00/DB0/TO21/DD0-
P07/DB7/TO28/DD7
P10/DB8/TO29/DD8-
P17/DB15/TO36/DD15
P20/A23/DD24-
P27/A30/DD31
P30/A15/TIN4/DD16-
P33/A18/TIN7/DD19
Multi-
junction
timer
Serial
Interface
Port 9
Multi-
junction
timer
Serial
Interface
Serial
Interface
Address
bus
Bus
control
CAN
Serial
Interface
CAN
Serial
Interface
CAN/
Bus control
NBD
DRI
DRI
DRI
Port 10
Port 13
Port 15
Bus
control/
Clock
Address
bus/
Bus control
Port 11
Port 12
P130/TIN16/PWMOFF0/DIN0
P131/TIN17/PWMOFF1/DIN1
P132/TIN18/DIN2
P133/TIN19/DIN3
P134/TIN20/TXD3/DIN4
P135/TIN21/RXD3
P136/TIN22/CRX1
P137/TIN23/CTX1
P150/TIN0/CLKOUT/WR#
P153/TIN3/WAIT#
P95/TO18/RXD5/DD14
P107/TO15/RXD4/DD0
P110/TO0/TO29/DD11-
P117/TO7/TO36/DD4
P124/TCLK0/A9/DD3
P125/TCLK1/A10/DD2
8
8
8
8
4
P34/A19/TIN30/DD20-
P37/A22/TIN33/DD23
4
2
2
3
2
2
6
2
P101/TO9/CRX0
P102/TO10/CTX0
P103/TO11/TIN24
P104/TO12/TIN25/DD3
P105/TO13/SCLKI4/SCLKO4/DD2
P106/TO14/TXD4/DD1
P126/TCLK2/CS2#/DD1
P127/TCLK3/CS3#/DD0
Port 22
JTAG
P220/CTX0/HACK#
P221/CRX0/HREQ#
P224/A11/CS2#
JTRST
JTMS
JTCK/NBDCLK
JTDO/NBDEVNT#
JTDI/NBDSYNC#
P225/A12/CS3#
Port 17
P174/TXD2/TO28
P175/RXD2/TO27
VCCER
VCC-BUS
VCCE
1.3 Pin Functions
Figure 1.3.1 Pin Function Diagram (144pin LQFP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com