Electronic Components Datasheet Search
  English  ▼

X  

32192 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 32192
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32192 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 32192 Datasheet HTML 61Page - Renesas Technology Corp 32192 Datasheet HTML 62Page - Renesas Technology Corp 32192 Datasheet HTML 63Page - Renesas Technology Corp 32192 Datasheet HTML 64Page - Renesas Technology Corp 32192 Datasheet HTML 65Page - Renesas Technology Corp 32192 Datasheet HTML 66Page - Renesas Technology Corp 32192 Datasheet HTML 67Page - Renesas Technology Corp 32192 Datasheet HTML 68Page - Renesas Technology Corp 32192 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 1044 page
background image
ADDRESS SPACE
3
3-7
32192/32195/32196 Group Hardware Manual
Rev.1.10 REJ09B0123-0110 Apr.06.07
3.3 Internal ROM and External Extension Areas
The 64-Mbyte area in the user space from the address H’0000 0000 to the address H’03FF FFFF comprise the
internal ROM and external extension areas. For the address mapping of these areas that differs with each
operation mode, see Section 3.2, "Operation Modes."
3.3.1 Internal ROM Area
The internal ROM is allocated to the addresses shown below. Located at the beginning of this area is the EIT
vector entry (and the ICU vector table).
Table 3.3.1 Internal ROM Allocation Address
Type Name
Size
Allocation Address
M32192F8, M32196F8
1 Mbytes
H’0000 0000 to H’000F FFFF
M32195F4
512 Kbytes
H'0000 0000 to H'0007 FFFF
3.3.2 External Extension Area
The external extension area is only available when external extension or processor mode is selected by opera-
tion mode settings. When accessing the external extension area, the control signals necessary to access
external devices are output.
The CS0# through CS3# signals are output corresponding to the address mapping of the external extension
area. The CS0#, CS1#, CS2# and CS3# signals are output for the CS0, CS1, CS2 and CS3 areas, respec-
tively.
Table 3.3.2 Address Mapping of the External Extension Area in Each Operation Mode
Operation Mode
Address Mapping of External Extension Area
Single-chip mode
None
External extension mode
Addresses H’0010 0000 to H’007F FFFF (CS0 area: 7 Mbytes)
Addresses H’0100 0000 to H’017F FFFF (CS1 area: 8 Mbytes)
Addresses H’0200 0000 to H’027F FFFF (CS2 area: 8 Mbytes)
Addresses H’0300 0000 to H’037F FFFF (CS3 area: 8 Mbytes)
Processor mode
Addresses H’0000 0000 to H’007F FFFF (CS0 area: 8 Mbytes)
Addresses H’0100 0000 to H’017F FFFF (CS1 area: 8 Mbytes)
Addresses H’0200 0000 to H’027F FFFF (CS2 area: 8 Mbytes)
Addresses H’0300 0000 to H’037F FFFF (CS3 area: 8 Mbytes)
3.3 Internal ROM and External Extension Areas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com