| Electronic Components Datasheet Search |
|
32192 Datasheet(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32192 Datasheet(HTML) 46 Page - Renesas Technology Corp |
|
46 / 1044 page ![]() 2-2 2 32192/32195/32196 Group Hardware Manual Rev.1.10 REJ09B0123-0110 Apr.06.07 CPU 2.3 Control Registers There are 6 control registers which are the Processor Status Word Register (PSW), the Condition Bit Register (CBR), the Interrupt Stack Pointer (SPI), the User Stack Pointer (SPU), the Backup PC (BPC) and the Floating- point Status Register (FPSR). The dedicated MVTC and MVFC instructions are used for writing and reading these control registers. In addition, the SM bit, IE bit and C bit of the PSW can also be set by the SETPSW or CLRPSW instruction. Figure 2.3.1 Control Registers 2.1 CPU Registers 2.1 CPU Registers The M32R-FPU has 16 general-purpose registers, 6 control registers, an accumulator and a program counter. The accumulator is of 56-bit configuration, and all other registers are of 32-bit configuration. 2.2 General-purpose Registers The 16 general-purpose registers (R0–R15) are of 32-bit width and are used to retain data and base address, as well as for integer calculations, floating-point operations, etc. R14 is used as the link register and R15 as the stack pointer. The link register is used to store the return address when executing a subroutine call instruction. The Interrupt Stack Pointer (SPI) and the User Stack Pointer (SPU) are alternately represented by R15 depend- ing on the value of the Stack Mode (SM) bit in the Processor Status Word Register (PSW). Upon exiting the reset state, the value of the general-purpose registers is undefined. Figure 2.2.1 General-purpose Registers b0 b0 b31 R0 R1 R2 R3 R4 R5 R6 R7 R8 R9 R10 R11 R12 R13 R14 (Link register) R15 (Stack pointer) (Note 1) Note 1: The stack pointer functions as either the SPI or the SPU depending on the value of the SM bit in the PSW. b31 b0 Backup PC BPC CR6 b31 PSW CBR SPI SPU CR0 CR1 CR2 CR3 Processor Status Word Register Condition Bit Register Interrupt Stack Pointer User Stack Pointer CRn Notes: • CRn (n = 0-3, 6 and 7) denotes the control register number. • The dedicated MVTC and MVFC instructions are used for writing and reading these control registers. • The SM bit, IE bit and C bit of the PSW can also be set by the SETPSW or CLRPSW instruction. Floating-point Status Register FPSR CR7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |