Electronic Components Datasheet Search
  English  ▼

X  

32192 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # 32192
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32192 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button 32192 Datasheet HTML 33Page - Renesas Technology Corp 32192 Datasheet HTML 34Page - Renesas Technology Corp 32192 Datasheet HTML 35Page - Renesas Technology Corp 32192 Datasheet HTML 36Page - Renesas Technology Corp 32192 Datasheet HTML 37Page - Renesas Technology Corp 32192 Datasheet HTML 38Page - Renesas Technology Corp 32192 Datasheet HTML 39Page - Renesas Technology Corp 32192 Datasheet HTML 40Page - Renesas Technology Corp 32192 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 1044 page
background image
1
1-17
OVERVIEW
32192/32195/32196 Group Hardware Manual
Rev.1.10 REJ09B0123-0110 Apr.06.07
Port
Function 1
Function 2
DRI function
NBD function
Function
Type
State during
reset
State upon
exiting reset
1
P221/CRX0/HREQ#
P221
CRX0(Note 1) HREQ#(Note 1)
-
Input
P221
Input
Hi-Z
Hi-Z
During single-chip and
external extension modes
P225
Input
Hi-Z
Hi-Z
During processor mode
A12
Output
Hi-Z
Undefined
3
VSS
-
VSS
-
-
-
-
VSS
-
-
-
4
XIN
-
XIN
-
-
Input
XIN
Input
-
-
5
XOUT
-
XOUT
-
-
Output
XOUT
Output
XOUT
XOUT
6
VCC-BUS
-
VCC-BUS
-
-
-
-
VCC-BUS
-
-
-
During single-chip and
external extension modes
P224
Input
Hi-Z
Hi-Z
During processor mode
A11
Output
Hi-Z
Undefined
During single-chip and
external extension modes
P30
Input
Hi-Z
Hi-Z
During processor mode
A15
Output
Hi-Z
Undefined
During single-chip and
external extension modes
P31
Input
Hi-Z
Hi-Z
During processor mode
A16
Output
Hi-Z
Undefined
During single-chip and
external extension modes
P32
Input
Hi-Z
Hi-Z
During processor mode
A17
Output
Hi-Z
Undefined
During single-chip and
external extension modes
P33
Input
Hi-Z
Hi-Z
During processor mode
A18
Output
Hi-Z
Undefined
During single-chip and
external extension modes
P34
Input
Hi-Z
Hi-Z
During processor mode
A19
Output
Hi-Z
Undefined
During single-chip and
external extension modes
P35
Input
Hi-Z
Hi-Z
During processor mode
A20
Output
Hi-Z
Undefined
During single-chip and
external extension modes
P36
Input
Hi-Z
Hi-Z
During processor mode
A21
Output
Hi-Z
Undefined
During single-chip and
external extension modes
P37
Input
Hi-Z
Hi-Z
During processor mode
A22
Output
Hi-Z
Undefined
During single-chip and
external extension modes
P20
Input
Hi-Z
Hi-Z
During processor mode
A23
Output
Hi-Z
Undefined
During single-chip and
external extension modes
P21
Input
Hi-Z
Hi-Z
During processor mode
A24
Output
Hi-Z
Undefined
During single-chip and
external extension modes
P22
Input
Hi-Z
Hi-Z
During processor mode
A25
Output
Hi-Z
Undefined
During single-chip and
external extension modes
P23
Input
Hi-Z
Hi-Z
During processor mode
A26
Output
Hi-Z
Undefined
20
VCC-BUS
-
VCC-BUS
-
-
-
-
VCC-BUS
-
-
-
21
VSS
-
VSS
-
-
-
-
VSS
-
-
-
During single-chip and
external extension modes
P24
Input
Hi-Z
Hi-Z
During processor mode
A27
Output
Hi-Z
Undefined
During single-chip and
external extension modes
P25
Input
Hi-Z
Hi-Z
During processor mode
A28
Output
Hi-Z
Undefined
During single-chip and
external extension modes
P26
Input
Hi-Z
Hi-Z
During processor mode
A29
Output
Hi-Z
Undefined
During single-chip and
external extension modes
P27
Input
Hi-Z
Hi-Z
During processor mode
A30
Output
Hi-Z
Undefined
During single-chip and
external extension modes
P00
Input
Hi-Z
Hi-Z
During processor mode
DB0
Input/output
Hi-Z
Hi-Z
VCC-BUS
VCC-BUS
TO21(Note 1)
7
P224/A11/CS2#
P224
A11
CS2#(Note 1)
-
-
-
-
-
-
TIN30
TIN31
TIN32
TIN33
CS3#(Note 1)
TIN4
TIN5
TIN6
Condition
Function
Pin
No.
Pin state when reset
Symbol
Type
Power
supply
-
Input/
output
DD16
Input/
output
-
Input/
output
2
P225/A12/CS3#
8
P30/A15/TIN4/DD16
P30
A15
P225
A12
9
P31/A16/TIN5/DD17
P31
A16
DD19
Input/
output
10
P32/A17/TIN6/DD18
P32
A17
TIN7
DD17
Input/
output
DD18
Input/
output
DD20
Input/
output
11
P33/A18/TIN7/DD19
12
P34/A19/TIN30/DD20
P34
A19
P33
A18
13
P35/A20/TIN31/DD21
P35
A20
DD23
Input/
output
14
P36/A21/TIN32/DD22
P36
A21
DD21
Input/
output
DD22
Input/
output
DD24
Input/
output
15
P37/A22/TIN33/DD23
16
P20/A23/DD24
P20
A23
P37
A22
17
P21/A24/DD25
P21
A24
DD27
Input/
output
18
P22/A25/DD26
P22
A25
DD25
Input/
output
DD26
Input/
output
DD28
Input/
output
19
P23/A26/DD27
22
P24/A27/DD28
P24
A27
P23
A26
23
P25/A28/DD29
P25
A28
Input/
output
24
P26/A29/DD30
P26
A29
25
P27/A30/DD31
DD31
-
-
P00
DB0
P27
A30
26
P00/DB0/TO21/DD0
VCC-BUS
VCC-BUS
DD0(Note 1)
Input/
output
DD29
Input/
output
DD30
Input/
output
The pins directed for input go to a high-impedance state (Hi-Z) when reset. The term “when reset” means that
input on RESET# pin is held “L” (the device remains reset), and that the RESET# pin is released back “H” (the
device comes out of reset).
Table 1.4.1 Pin Assignments of the M32192F8xFP, M32195F4xFP, and M32196F8xFP (1/4)
Note 1: The pins outputted at two places.
1.4 Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com