Electronic Components Datasheet Search
  English  ▼

X  

32192 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # 32192
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32192 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button 32192 Datasheet HTML 76Page - Renesas Technology Corp 32192 Datasheet HTML 77Page - Renesas Technology Corp 32192 Datasheet HTML 78Page - Renesas Technology Corp 32192 Datasheet HTML 79Page - Renesas Technology Corp 32192 Datasheet HTML 80Page - Renesas Technology Corp 32192 Datasheet HTML 81Page - Renesas Technology Corp 32192 Datasheet HTML 82Page - Renesas Technology Corp 32192 Datasheet HTML 83Page - Renesas Technology Corp 32192 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 1044 page
background image
3.4 Internal RAM and SFR Areas
ADDRESS SPACE
3-22
3
32192/32195/32196 Group Hardware Manual
Rev.1.10 REJ09B0123-0110 Apr.06.07
SFR Area Register Map (13/37)
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
H'0080 074C
P12 Operation Mode Register
P13 Operation Mode Register
8-24,17-12
(P12MOD)
(P13MOD)
8-25
H'0080 074E
(Use inhibited area)
P15 Operation Mode Register
8-26,17-13
(P15MOD)
20-10
H'0080 0750
(Use inhibited area)
P17 Operation Mode Register
8-27
(P17MOD)
(Use inhibited area)
H'0080 0756
P22 Operation Mode Register
(Use inhibited area)
8-28
(P22MOD)
17-14
(Use inhibited area)
H'0080 0760
P0 Peripheral Function Select Register
P1 Peripheral Function Select Register
8-14,17-6
(P0SMOD)
(P1SMOD)
8-15,17-7
H'0080 0762
(Use inhibited area)
P3 Peripheral Function Select Register
8-17
(P3SMOD)
17-9
H'0080 0764
P4 Peripheral Function Select Register
(Use inhibited area)
8-18
(P4SMOD)
17-10
H'0080 0766
(Use inhibited area)
P7 Peripheral Function Select Register
8-19,17-11
(P7SMOD)
20-9
H'0080 0768
P8 Peripheral Function Select Register
P9 Peripheral Function Select Register
8-20
(P8SMOD)
(P9SMOD)
8-21
H'0080 076A
P10 Peripheral Function Select Register
P11 Peripheral Function Select Register
8-22
(P10SMOD)
(P11SMOD)
8-23
H'0080 076C
P12 Peripheral Function Select Register
P13 Peripheral Function Select Register
8-24,17-12
(P12SMOD)
(P13SMOD)
8-25
H'0080 076E
(Use inhibited area)
P15 Peripheral Function Select Register
8-26,17-13
(P15SMOD)
20-10
H'0080 0770
(Use inhibited area)
P17 Peripheral Function Select Register
8-27
(P17SMOD)
(Use inhibited area)
H'0080 0776
P22 Peripheral Function Select Register
(Use inhibited area)
8-28
(P22SMOD)
17-14
H'0080 0778
(Use inhibited area)
H'0080 077A
(Use inhibited area)
RTD Write Function Disable Control Register
15-3
(WRRDIS)
H'0080 077C
(Use inhibited area)
H'0080 077E
(Use inhibited area)
Bus Mode Control Register
17-15
(BUSMODC)
H'0080 0780
PWM Output 0 Disable Control Register GB
PWM Output 0 Disable Level Control Register GB
10-168
(PO0DISGBCR)
(PO0LVGBCR)
10-171
H'0080 0782
PWM Output 1 Disable Control Register GB
PWM Output 1 Disable Level Control Register GB
10-169
(PO1DISGBCR)
(PO1LVGBCR)
10-171
H'0080 0784
(Use inhibited area)
H'0080 0786
Clock Control Register
(Use inhibited area)
20-5
(CLKCR)
(Use inhibited area)
H'0080 078C
TID0 Counter
10-140
(TID0CT)
H'0080 078E
TID0 Reload Register
10-140
(TID0RL)
H'0080 0790
TOU0_0 Counter
(Upper)
10-157
(TOU00CTW)
(TOU00CTH)
H'0080 0792
(Lower)
10-159
(TOU00CT)
H'0080 0794
TOU0_0 Reload Register
TOU0_0 Reload 1 Register
10-160
(TOU00RLW)
(TOU00RL1)
10-162
H'0080 0796
TOU0_0 Reload 0 Register
10-161
(TOU00RL0)
H'0080 0798
TOU0_1 Counter
(Upper)
10-157
(TOU01CTW)
(TOU01CTH)
H'0080 079A
(Lower)
10-159
(TOU01CT)
|
|
|
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com