Electronic Components Datasheet Search
  English  ▼

X  

32192 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # 32192
Description  MCU
PDF  1044 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32192 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button 32192 Datasheet HTML 72Page - Renesas Technology Corp 32192 Datasheet HTML 73Page - Renesas Technology Corp 32192 Datasheet HTML 74Page - Renesas Technology Corp 32192 Datasheet HTML 75Page - Renesas Technology Corp 32192 Datasheet HTML 76Page - Renesas Technology Corp 32192 Datasheet HTML 77Page - Renesas Technology Corp 32192 Datasheet HTML 78Page - Renesas Technology Corp 32192 Datasheet HTML 79Page - Renesas Technology Corp 32192 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 1044 page
background image
3.4 Internal RAM and SFR Areas
ADDRESS SPACE
3-18
3
32192/32195/32196 Group Hardware Manual
Rev.1.10 REJ09B0123-0110 Apr.06.07
SFR Area Register Map (9/37)
Address
+0 address
+1 address
See pages
b0
b7 b8
b15
(Use inhibited area)
H'0080 03EA
(Use inhibited area)
TML0 Control Register
10-131
(TML0CR)
(Use inhibited area)
H'0080 03F0
TML0 Measure 3 Register
(Upper)
10-132
(TML0MR3)
(TML0MR3H)
H'0080 03F2
(Lower)
(TML0MR3L)
H'0080 03F4
TML0 Measure 2 Register
(Upper)
10-132
(TML0MR2)
(TML0MR2H)
H'0080 03F6
(Lower)
(TML0MR2L)
H'0080 03F8
TML0 Measure 1 Register
(Upper)
10-132
(TML0MR1)
(TML0MR1H)
H'0080 03FA
(Lower)
(TML0MR1L)
H'0080 03FC
TML0 Measure 0 Register
(Upper)
10-132
(TML0MR0)
(TML0MR0H)
H'0080 03FE
(Lower)
(TML0MR0L)
H'0080 0400
DMA0–4 Interrupt Request Status Register
DMA0–4 Interrupt Request Mask Register
9-35
(DM04ITST)
(DM04ITMK)
9-36
(Use inhibited area)
H'0080 0408
DMA5–9 Interrupt Request Status Register
DMA5–9 Interrupt Request Mask Register
9-35
(DM59ITST)
(DM59ITMK)
9-36
(Use inhibited area)
H'0080 0410
DMA0 Channel Control Register 0
DMA0 Channel Control Register 1
9-6
(DM0CNT0)
(DM0CNT1)
9-7
H'0080 0412
DMA0 Source Address Register
9-30
(DM0SA)
H'0080 0414
DMA0 Destination Address Register
9-31
(DM0DA)
H'0080 0416
DMA0 Transfer Count Register
9-32
(DM0TCT)
H'0080 0418
DMA5 Channel Control Register 0
DMA5 Channel Control Register 1
9-16
(DM5CNT0)
(DM5CNT1)
9-17
H'0080 041A
DMA5 Source Address Register
9-30
(DM5SA)
H'0080 041C
DMA5 Destination Address Register
9-31
(DM5DA)
H'0080 041E
DMA5 Transfer Count Register
9-32
(DM5TCT)
H'0080 0420
DMA1 Channel Control Register 0
DMA1 Channel Control Register 1
9-8
(DM1CNT0)
(DM1CNT1)
9-9
H'0080 0422
DMA1 Source Address Register
9-30
(DM1SA)
H'0080 0424
DMA1 Destination Address Register
9-31
(DM1DA)
H'0080 0426
DMA1 Transfer Count Register
9-32
(DM1TCT)
H'0080 0428
DMA6 Channel Control Register 0
DMA6 Channel Control Register 1
9-18
(DM6CNT0)
(DM6CNT1)
9-19
H'0080 042A
DMA6 Source Address Register
9-30
(DM6SA)
H'0080 042C
DMA6 Destination Address Register
9-31
(DM6DA)
H'0080 042E
DMA6 Transfer Count Register
9-32
(DM6TCT)
H'0080 0430
DMA2 Channel Control Register 0
DMA2 Channel Control Register 1
9-10
(DM2CNT0)
(DM2CNT1)
9-11
H'0080 0432
DMA2 Source Address Register
9-30
(DM2SA)
H'0080 0434
DMA2 Destination Address Register
9-31
(DM2DA)
|
|
|
|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com